Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC K3HB-R Datasheet HTML 18Page - Omron Electronics LLC K3HB-R Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Up/Down Counting Pulse Indicator
K3HB-C
15
Up/Down Counting Pulse Indicator
K3HB-C
Measure High-speed Up/down Pulses with
this Up/down Pulse Meter.
• Perfect for Measuring Rotary Encoder and ON/OFF Pulse
Signals at High Speed
Cumulative pulse input is 50 kHz, quadrature pulse inputs are 25 kHz,
and up/down pulse inputs are 30 kHz.
Note: No-voltage contacts of up to 30 Hz are supported.
• The count value can be converted to any value.
The length equivalent for any pulse can be set to any desired value.
This is effective for feed amount and position monitor displays.
Refer to Common Precautions on page 30.
Model Number Structure
■ Model Number Legend
Base Units and Optional Boards can be ordered individually or as sets.
Note: 1. CPA can be combined with relay outputs only.
2. Only one of the following can be used by each Digital Indicator:
RS-232C/RS-485 communications, a linear output, or DeviceNet communications.
Accessories (Sold Separately)
K32-DICN: Special Cable (for event inputs with 8-pin connector)
K32-BCD: Special BCD Output Cable
Base Units
1. Input Sensor Codes
NB: NPN input/voltage pulse input
PB: PNP input
5. Supply Voltage
100-240 VAC: 100 to 240 VAC
24 VAC/VDC: 24 VAC/VDC
Optional Board
Sensor Power Supply/Output Boards
Relay/Transistor Output Boards
Event Input Boards
Base Units with Optional Boards
2. Sensor Power Supply/Output Type Codes
None:
None
CPA:
Relay output (PASS: SPDT) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 1.)
L1A:
Linear current output (DC0(4)-20 mA) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
L2A:
Linear voltage output (DC0(1)-5 V, 0 to 10 V) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
A:
Sensor power supply (12 VDC ±10%, 80 mA)
FLK1A: Communications (RS-232C) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
FLK3A: Communications (RS-485) + Sensor power supply
(12 VDC±10%, 80 mA) (See note 2.)
3. Relay/Transistor Output Type Codes
None: None
C1:
Relay contact (H/L: SPDT each)
C2:
Relay contact (HH/H/LL/L: SPST-NO each)
T1:
Transistor (NPN open collector: HH/H/PASS/L/LL)
T2:
Transistor (PNP open collector: HH/H/PASS/L/LL)
BCD: BCD output + transistor output (NPN open collector: HH/H/PASS/L/LL)
DRT: DeviceNet (See note 2.)
4. Event input Type Codes
None: None
1:
5 points (M3 terminal blocks) NPN open collector
2:
8 points (10-pin MIL connector) NPN open collector
3:
5 points (M3 terminal blocks) PNP open collector
4:
8 points (10-pin MIL connector) PNP open collector
15
K3HB-C
@
2
K33-
@
3
K34-
@
4
K35-
@
1
2 3 4
5
K3HB-C
@-@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com