Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC K3HB-R Datasheet HTML 18Page - Omron Electronics LLC K3HB-R Datasheet HTML 19Page - Omron Electronics LLC K3HB-R Datasheet HTML 20Page - Omron Electronics LLC K3HB-R Datasheet HTML 21Page - Omron Electronics LLC K3HB-R Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Up/Down Counting Pulse Indicator
K3HB-C
Operation
■ Functions (Operating Modes)
F1 to F3
Note: 1. Meaning of H and L in Display
2. Requires at least half the minimum signal width. If there is less than half, a ±1 count error may occur.
Input Type Setting
Function name
Function No.
Individual inputs
f1
Phase differential inputs f2
Pulse counting input
f3
Function
Operation
Operation image (application)
F1
Individual
inputs
Counts input A as incremental pulses and input B as
decremental pulses. The count is incremented on the
rising edge of input A and decremented on the rising
edge of input B. If both inputs rise at the same time, the
count is not changed. The count is incremented when
input B is later than input A and decremented when input
B is earlier than input A.
Counting the number of people entering an area
F2
Phase dif-
ferential in-
puts
This function is normally used when connected to an
incremental rotary encoder. The count is incremented on
the falling edge of input B when input A is OFF. The count
is decremented on the rising edge of input B when input
A is OFF.
Detecting position and speed on a semiconductor wafer conveyor line
F3
Pulse
counting
input
Counted on the rising edge of input A
Counting the number of workpieces
Symbol
Input method No-voltage input
H
Short-circuit
L
Open
Input A
Input B
HOLD input
L
H
L
H
L
H
Count
0
1
2
3
2
11
2
3
BCD output
Photoelectric
sensor
To
Programmable
Controller
Increment
Decrement
Input A
Input B
Count
0
1
2
3
2
11
HOLD
input
0
L
H
L
H
L
H
(See note 2.)
Wafer
E6L
Input A
HOLD
input
L
H
L
H
Count
0
1
2
3
4
5
6
BCD output
To
Programmable
Controller
NO: Voltage pulse high
NC: Voltage pulse low
No-contact or voltage pulse input 00
01
Contact
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com