Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  K3HB-R Datasheet HTML 1Page - Omron Electronics LLC K3HB-R Datasheet HTML 2Page - Omron Electronics LLC K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Digital Indicators
K3HB Series (Pulse Input Series)
Features
Many I/O Variations for Discrimination, Control, and Information Applications
Digital Indicators are used in a wide variety of applications, from an electronic measurement value display or equipment/device operating status
display to a host communications interface in monitoring and control systems. OMRON provides a complete lineup for a variety of input and control
output applications to meet all your application requirements.
Select a Comparative Output Pattern to
Suit the Discrimination or Control
Application
• The output pattern for comparative outputs can be selected. In
addition to high/low comparison with set values, output based on
level changes is also possible. (Use the type of output pattern
appropriate for the application.)
Note: The HH, H, L or LL outputs must be set in that order for the zone
outputs to output correctly.
(This is because the comparative set values and outputs for
standard and level outputs are in a 1-to-1 relationship, whereas
the meaning of zone outputs depends on the settings of all the
comparative set values.)
Lineup Includes DeviceNet Models
Enabling High-speed Data
Communications with PLCs without
Special Programming
• DeviceNet compliance enables high-speed data transmission by
allocating setting and monitoring parameters in the I/O memory of
the PLC. This capability greatly reduces labor spent in developing
communications programs.
N/C
NPN
PNP
Sensor
power
supply
+
−
(CPB)
(CPA)
10 VDC 100 mA
12 VDC 80 mA
HH/OUT5
H/OUT4
PASS/OUT3
PASS/OUT3
L/OUT2
LL/OUT1
COM
H/OUT4
L/OUT2
HH/OUT5
H/OUT4
COM
L/OUT2
LL/OUT1
COM
C1
C2
C3
C4
C5
C6
C1
C2
C3
C4
C5
C6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
H and L: SPDT
HH, H, L, and LL: SPST-NO
PASS: SPDT
NPN or PNP
Relay Outputs
Transistor Outputs
RS-232C or
RS-485
0 to 20 mA DC/
4 to 20 mA DC
or
0 to 5 VDC/
1 to 5 VDC/
0 to 10 VDC
Computer
Communications
Output
RS-232 or RS-485
Linear Output
Voltage Output or Current Output
DeviceNet
BCD Output
NPN Open Collector
ON
OFF
ON
OFF
ON
OFF
Standard Outputs
Zone Outputs
Comparative
set value HH
Comparative
set value H
Comparative
set value L
Comparative
set value LL
Measurement
value
Higher
Lower
Output HH
Output PASS
Output H
Output L
Output LL
Measurement
value
Higher
Lower
Measurement
value
Higher
Lower
Comparative
set value HH
Comparative
set value H
Comparative
set value L
Comparative
set value LL
Output HH
Output PASS
Output H
Output L
Output LL
Comparative
set value HH
Comparative
set value H
Comparative
set value L
Comparative
set value LL
Output HH
Output PASS
Output H
Output L
Output LL
Level Outputs
P
H
Zero
P
H
Zero
DeviceNet
Configurator
DeviceNet
Master
Ethernet
K3HB
Digital Indicators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com