Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Timer Interval Indicator
K3HB-P
13
Operation
■ Functions (Operating Modes)
F1 to F6
These functions use the internal system clock to measure the time between pulses or the pulse ON time and then display time measurements or
a variety of other calculations.
Function name
Function No.
Passing speed
f1
Cycle
f2
Time difference
f3
Time band
f4
Measuring length
f5
Interval
f6
The time (T) between input A pulse and input B pulse
is measured by the internal system clock. If, for
example, the system clock measures 100,000 counts
during time T, then
T = 1 system clock count (0.5
µs) × 100,000
T = 0.05 s
F1 (the passing speed) is calculated internally
using the formula
× 60 (m/min), and the
display, in this example, would be
× 60=
1200 (m/min).
1
T
1
0.05 s
Input A
Input B
Internal
system clock
1
1
T
Example: F1 Passing Speed
Function
Operation
Operation image (application)
F1
Passing
speed
The reciprocal of the time (T) from input A ON to input
B ON is multiplied by 60 and displayed.
• Recovery time (TR) of 20 ms is required before
starting the next measurement.
Display unit:
mm/s, m/s
m/min, km/h, etc.
Measuring workpiece passing speed between A and B
F2
Cycle
Measures and displays input A cycle (T).
Display unit:
ms, s, min.,
min.s.1/10 s
Measuring feed cycles for parts
F3
Time dif-
ference
Displays the time (T) from input A ON to input B ON.
• Recovery time (TR) of 20 ms is required before
starting the next measurement.
Display unit:
ms, s, min.,
min.s.1/10 s
Input A
Input B
Display
HOLD input
TR
T1
TR
T2
TR
T3
T4
T1
1 × 60
T2
1 × 60
T4
1 × 60
æ
ç
ç
è
ö
÷
÷
ø
A
B
Input A
Display
HOLD input
T1
T1
T2
T5
T3
T4
T5
T2
Measurement range: 20 ms to 3,200 s
æ
ç
ç
è
ö
÷
÷
ø
Input A
Input B
Display
HOLD input
T1
TR
TR
TR
T1
T3
T4
T2
T3
T4
Measurement range: 10 ms to 3,200 s
æ
ç
ç
è
ö
÷
÷
ø
A
B
Measuring workpiece passing time
between A and B
Measuring the length of a
workpiece step by changing
prescale values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com