Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  K3HB-R Datasheet HTML 1Page - Omron Electronics LLC K3HB-R Datasheet HTML 2Page - Omron Electronics LLC K3HB-R Datasheet HTML 3Page - Omron Electronics LLC K3HB-R Datasheet HTML 4Page - Omron Electronics LLC K3HB-R Datasheet HTML 5Page - Omron Electronics LLC K3HB-R Datasheet HTML 6Page - Omron Electronics LLC K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Digital Indicators
K3HB Series (Pulse Input Series)
1
Digital Indicators
K3HB Series (Pulse Input Series)
The K3HB Series has been made complete with
the addition of Digital Signal Input Models.
Features
Red-Green Display Allows Easy
Recognition of Judgment Results
The measurement value display can be set to switch between red
and green in accordance with the status of comparative outputs. This
means that the status can be easily seen at a distance.
Position Meter Enables Easy Monitoring of
Operating Status Trends
The present value with respect to the measurement or display range
(full scale) can be viewed on a bar display. The operating status can
be grasped intuitively, allowing easy judgment of levels and threshold
values.
Short Body with Depth of Only 95 mm
(from Behind the Front Panel)
A short body of only 95 mm (see note) contributes to the
development of slimmer and smaller control panels and installations.
Note: Depth of DeviceNet models is 97 mm.
50 kHz High-speed Pulse Measurement
(K3HB-R)
Supports high-speed pulse measurement (up to 50 kHz) of rotary
encoders or any ON/OFF pulse signal, which enables rotational
measurement of objects rotating at high speeds.
Note: No-voltage contacts of up to 30 Hz are supported.
Measurement of Wide Range of Pulse
Interval Times (K3HB-P)
Measures and displays the results of the pulse interval between two
points. The pulse interval measurement range is broad, from 10 ms
to 3,200 s.
High-speed Up/Down Counting Pulse
Measurement (K3HB-C)
Perfect for high-speed measurement of rotary encoders or any
ON/OFF pulse signals. Cumulative pulse input is 50 kHz, quadrature
pulse inputs are 25 kHz, and up/down pulse inputs are 30 kHz.
Note: No-voltage contacts of up to 30 Hz are supported.
UP
SHIFT
MODE
LEVEL
CMW
Max
B
L
Min
Hold
MAX/MIN
HH
H
TLL
L
Position meter
HH
H
P
L
LL
Note: This function is different from the single-LED display of the K3HB-C.
Depth:
95 mm (See note.)
27%
shorter
than earlier
models
(The depth is 100 mm when mounted to the terminal cover.)
50 kHz
50 kHz
10 ms to 3200 s
• Easy recognition of judgment results using two-color
display that can be switched between red and green.
• Equipped with a position meter for monitoring
operating status trends.
• External event inputs allows using various
measurement and discrimination applications.
• Series expanded to include DeviceNet models.
• Short body with depth of only 95 mm (see note)
(from behind the front panel).
• UL certification (Certification Mark License).
• CE Marking conformance by third party assessment
body.
• Water-resistant enclosure conforms to NEMA 4X
(equivalent to IP66).
Note: Depth of 97 mm for DeviceNet models.
Refer to Common Precautions on page 30.


Similar Part No. - K3HB-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3HB-R OMRON-K3HB-R Datasheet
1Mb / 17P
Rotary Pulse Indicator
More results

Similar Description - K3HB-R

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
PANEL INDICATORS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
PRESSURE INDICATORS
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
OSRAM GmbH
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
optical indicators
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
Illuminated Indicators
logo
OSRAM GmbH
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
optical indicators
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
optical indicators
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com