Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC K3HB-R Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
Timer Interval Indicator
K3HB-P
■ What Is Prescaling?
To make calculations using the input pulse to display the passing speed between two points, the distance between the two points and the display
unit must be set and the internally measured time multiplied by a certain coefficient. This coefficient is called the prescale value. (For information
on settings details, refer to the User's Manual.)
Time Unit Settings
Input Type Setting
Note: Set to 10 or 11 when there is a large variation in the display.
The largest measurement range is 30 Hz.
F4
Time band
Displays input A ON time (T).
• Recovery time (TR) of 20 ms is required before
starting the next measurement.
Display unit:
ms, s, min.,
min.s.1/10 s
F5
Measuring
length
Displays the number of input A pulses while input B is
ON.
• Recovery time (TR) of 20 ms is required before
starting the next measurement.
Display unit:
mm, cm, m, etc.
Measuring workpiece length
F6
Interval
Displays the number of input A pulses from when input
B turns ON until input B turns ON again. Measurement
is made every other time input B turns ON.
• Recovery time (TR) of 20 ms is required before
starting the next measurement.
Display unit:
mm, cm, m, etc.
Measuring slit intervals
Function
Operation
Operation image (application)
Input A
Display
HOLD input
T1
T2
TR
TR
T3
T1
T3
Measurement range: 10 ms to 3,200 s
æ
ç
ç
è
ö
÷
÷
ø
Communications
output
Monitoring the ON time of a printing
press
Managing the valve release
time
Input A
Input B
Display
HOLD input
12345
12345
6
65
æ
ç
è
ö
÷
ø
BCD
To Programmable Controller
Input A
Input B
Display
HOLD input
1234
1 2 3 4
1
2
1
4
3
TR
TR
æ
ç
è
ö
÷
ø
H
PASS
L
OK judgment
12
1 2
1 2
3
TR
TR
3
2
INA
INB
Display
Setting
Meaning
scal
Prescale value menu setting
min
Minute display
h.mm.ss
h.mm.ss display
mm.ss.d
mm.ss.d display (d = tenths of a second)
NO: Voltage pulse high NC: Voltage pulse low
No-contact or
voltage pulse
input
00
01
Contact
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com