Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC K3HB-R Datasheet HTML 18Page - Omron Electronics LLC K3HB-R Datasheet HTML 19Page - Omron Electronics LLC K3HB-R Datasheet HTML 20Page - Omron Electronics LLC K3HB-R Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Up/Down Counting Pulse Indicator
K3HB-C
17
■ Characteristics
Display range
−19,999 to 99,999
Measurement range
Functions F1, F2: ±2 gigacounts
Functions F3
: 0 to 4 gigacounts
Input signals
• No-voltage contact (30 Hz max. with ON/OFF pulse width of 15 ms min.)
• Voltage pulse
• Open collector
Connectable sensors
ON residual voltage: 3 V max.
OFF leakage current: 1.5 mA max.
Load current:
Must have a switching capacity of 20 mA or higher.
Must be able to properly switch load currents of 5 mA or less.
Max. No. of display digits
5 (
−19999 to 99999)
Comparative output response
time
1 ms max.: Transistor output; 10 ms max.: Relay contact output
(time until the comparative output is made when there is a forced sudden change in the input signal from 15%
to 95% or 95% to 15%)
Linear output response time
10 ms max. (time until the final analog output value is reached when there is a forced sudden change in the
input signal from 15% to 95% or 95% to 15%)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,300 VAC for 1 min between external terminals and case
Noise immunity
100 to 240 VAC models:
±1,500 V at power supply terminals in normal or common mode
(waveform with 1-ns rising edge and pulse width of 1
µs/100 ns)
24 VAC/VDC models:
±1,500 V at power supply terminals in normal or common mode
(waveform with 1-ns rising edge and pulse width of 1
µs/100 ns)
Vibration resistance
Frequency: 10 to 55 Hz; Acceleration: 50 m/s2, 10 sweeps of 5 min each in X, Y, and Z directions
Shock resistance
150 m/s2 (100 m/s2 for relay outputs) 3 times each in 3 axes, 6 directions
Weight
Approx. 300 g (Base Unit only)
Degree of
protection
Front panel
Conforms to NEMA 4X for indoor use (equivalent to IP66)
Rear case
IP20
Terminals
IP00 + finger protection (VDE0106/100)
Memory protection
EEPROM (non-volatile memory)
Number of rewrites: 100,000
Applicable standards
UL61010C-1, CSA C22.2 No. 1010.1 (evaluated by UL)
EN61010-1 (IEC61010-1): Pollution degree 2/Overvoltage category II
EN61326: 1997, A1: 1998, A2: 2001
EMC
EMI: EN61326+A1 industrial applications
Electromagnetic radiation interference
CISPR 11 Group 1, Class A: CISPRL16-1/-2
Terminal interference voltage
CISPR 11 Group 1, Class A: CISPRL16-1/-2
EMS: EN61326+A1 industrial applications
Electrostatic Discharge Immunity
EN61000-4-2: 4 kV (contact), 8 kV (in air)
Radiated Electromagnetic Field Immunity
EN61000-4-3: 10 V/m 1 kHz sine wave amplitude modulation (80 MHz to 1 GHz, 1.4 to 2 GHz)
Electrical Fast Transient/Burst Immunity
EN61000-4-4: 2 kV (power line), 1 kV (I/O signal line)
Surge Immunity
EN61000-4-5: 1 kV with line (power line), 2 kV with ground (power line)
Conducted Disturbance Immunity
EN61000-4-6: 3 V (0.15 to 80 MHz)
Power Frequency Magnetic Immunity
EN61000-4-8: 30 A/m (50 Hz) continuous time
Voltage Dips and Interruptions Immunity
EN61000-4-11: 0.5 cycle, 0
°/180°, 100% (rated voltage)
Mode
Input frequency
range
ON/OFF
pulse width
ON voltage
OFF voltage
Input
impedance
F1
0 to 30 kHz
16
µs min.
4.5 to 30 V
−30 to 2 V
10 k
Ω
F2
0 to 25 kHz
20
µs min.
F3
0 to 50 kHz
9
µs min.
Mode
Input frequency
range
ON/OFF
pulse width
Note: The Up/Down Counting Pulse
Meter will malfunction if a pulse
greater than the input frequency
range is input. SYSERR may
appear on the display.
F1
0 to 30 kHz
16
µs min.
F2
0 to 25 kHz
20
µs min.
F3
0 to 50 kHz
9
µs min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com