Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 18Page - Omron Electronics LLC K3HB-R Datasheet HTML 19Page - Omron Electronics LLC K3HB-R Datasheet HTML 20Page - Omron Electronics LLC K3HB-R Datasheet HTML 21Page - Omron Electronics LLC K3HB-R Datasheet HTML 22Page - Omron Electronics LLC K3HB-R Datasheet HTML 23Page - Omron Electronics LLC K3HB-R Datasheet HTML 24Page - Omron Electronics LLC K3HB-R Datasheet HTML 25Page - Omron Electronics LLC K3HB-R Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
Digital Indicators
K3HB-R/-P/-C
Connections
The BCD COMMON is shared.
The pins indicated in the above diagram
as blank (white) boxes have been removed.
*Only one of the following can be used for each Digital Indicator: communications, BCD, or DeviceNet.
DeviceNet Connector (Included)
<DRT>
Relay Outputs
<C2>
Relay Outputs
<C1>
Transistor Outputs
<T1> <T2>
NPN
PNP
HH
H
PASS
L
LL
COM
C1
C2
C3
C4
C5
C6
RS-232C
<FLK1A>
RS-485
<FLK3A>
B1
B2
B3
B4
B5
B6
B1
B2
B3
B4
B5
B6
B1
B2
B3
B4
B5
B6
<L2A>
<L1A>
+
−
+
−
SD
RD
SG
N/C
12 VDC
80 mA
B (
+)
A (
−)
B (
+)
A (
−)
12 VDC
80 mA
12 VDC
80 mA
12 VDC
80 mA
0-20/
4-20 mA
N/C
0-5/1-5/
0-10 V
N/C
<A>
12 VDC
80 mA
+
−
+
−
+
−
<CPA>
12 VDC
80 mA
N/C
N/C
PASS
Sensor
power
supply
B1
B2
B3
B4
B5
B6
HH
H
COM
L
H
L
LL
COM
C1
C2
C3
C4
C5
C6
C1
C2
C3
C4
C5
C6
Sensor
power
supply
Sensor
power
supply
Sensor power supply + communications
Sensor power supply
Sensor
power
supply
AB
C
D
E
1
2
3
4
5
6
100 to 240 VAC
24 VAC/VDC
A1
A2
HH
H
L
LL
PASS
BCD (NPN Open Collector): <BCD>
Applicable Connector (Sold separately)
HDR-E50MAG1
(HONDA TSUSHIN KOGYO CO., LTD.)
Special Cable (Sold separately)
K32-BCD (OMRON)
(HDR-E50MAG1 with 0.3-m cable)
5 V
HH
H
L
LL
PASS
A Operating Power Supply
*Check the required power supply type.
Sensor power supply + PASS output
Sensor power supply + linear output
B Sensor Power Supply/Output
C Relays, Transistors, BCD and DeviceNet
1: V
− (Power supply cable: Black)
2: CAN L (Communications cable: Blue)
3: Shield
4: CAN H (Communications cable: White)
5: V+ (Power supply cable: Red)
Applicable Connector:
HR31-5.08P-5SC (01)
(HIROSE ELECTRIC CO., LTD.)
* Attach the provided crimp terminals.
Contact Outputs
Transistor Outputs
(NPN Open Collector)
• Always use a EN/IEC-compliant power supply with reinforced insulation or double
insulation for the DeviceNet power supply.
• The product must be used indoors for the above applicable standards to apply.
Safety Standards Conformance
■ External Connection Diagrams
Terminal Arrangements
Note: Refer to “Internal Block Diagram” on page 24 for information on isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com