Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 7Page - Omron Electronics LLC K3HB-R Datasheet HTML 8Page - Omron Electronics LLC K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Timer Interval Indicator
K3HB-P
11
Specifications
■ Ratings
Note: 1. DC power supply models require a control power supply capacity of approximately 1 A per Unit when power is turned ON. Particular
attention is required when using two or more DC power supply models. The OMRON S8VS-series DC Power Supply Unit is
recommended.
2. PNP input types are also available.
3. For K3HB-series DeviceNet models, use only the DeviceNet Connector included with the product. The crimp terminals provided are for
Thin Cables.
Supply voltage
100 to 240 VAC, 24 VAC/VDC, DeviceNet power supply: 24 VDC
Allowable power supply voltage
range
85% to 110% of the rated power supply voltage, DeviceNet power supply: 11 to 25 VDC
Power consumption
(See note 1.)
100 to 240 VAC: 18 VA max. (max. load)
24 VAC/DC: 11 VA/7 W max. (max. load)
Current consumption
DeviceNet power supply: 50 mA max. (24 VDC)
Input
No-voltage, voltage pulse, open collector
External power supply
12 VDC 10%, 80 mA (for models with external power supplies only)
Event inputs
(See note 2.)
Hold input
NPN open collector or no-voltage contact signal
ON residual voltage: 2 V max.
ON current at 0
Ω: 4 mA max.
Max. applied voltage: 30 VDC max.
OFF leakage current: 0.1 mA max.
Reset input
Bank input
Output ratings
(depends on
the model)
Relay output
250 VAC, 30 VDC, 5 A (resistive load)
Mechanical life expectancy: 5,000,000 operations, Electrical life expectancy: 100,000 operations
Transistor output
Maximum load voltage: 24 VDC, Maximum load current: 50 mA, Leakage current: 100
µA max.
Linear output
Linear output 0 to 20 mA DC, 4 to 20 mA:
Load: 500
Ω max, Resolution: Approx. 10,000, Output error: ±0.5% FS
Linear output 0 to 5 VDC, 1 to 5 VDC, 0 to 10 VDC:
Load: 5 k
Ω max, Resolution: Approx. 10,000, Output error: ±0.5% FS
(1 V or less: ±0.15 V; not output for 0 V or less)
Display method
Negative LCD (backlit LED) display
7-segment digital display (Character height: PV: 14.2 mm (green/red); SV: 4.9 mm (green))
Main functions
Scaling function, measurement operation selection, output hysteresis, output OFF delay, output test, teaching, dis-
play value selection, display color selection, key protection, bank selection, display refresh period, maximum/mini-
mum hold, reset
Ambient operating temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no icing or condensation)
Altitude
2,000 m max.
Accessories
Watertight packing, 2 fixtures, terminal cover, unit stickers, instruction manual. DeviceNet models also include a De-
viceNet connector (Hirose HR31-5.08P-5SC(01)) and crimp terminals (Hirose HR31-SC-121) (See note 3.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com