Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3HB-R Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # K3HB-R
Description  Digital Indicators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC K3HB-R Datasheet HTML 18Page - Omron Electronics LLC K3HB-R Datasheet HTML 19Page - Omron Electronics LLC K3HB-R Datasheet HTML 20Page - Omron Electronics LLC K3HB-R Datasheet HTML 21Page - Omron Electronics LLC K3HB-R Datasheet HTML 22Page - Omron Electronics LLC K3HB-R Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Up/Down Counting Pulse Indicator
K3HB-C
19
■ What Is Prescaling?
Prescaling converts the count value to any numeric value.
To display
@@@@.@ mm in a system that outputs 250 pulses for a 0.5-m feed,
the length per pulse = 500 mm (0.5 m)
÷ 250 = 2.
1. The prescale value for the K3HB-C is set using the mantissa X
× exponent Y,
so the prescale value = 2.0000 × 10°,
X = 2.000, and Y = 00.
2. Next, set the decimal point position for one digit to the right of the decimal point:
K3HB-C
Encoder
0.5 m
250 pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com