Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 57Page - STMicroelectronics STA381BW Datasheet HTML 58Page - STMicroelectronics STA381BW Datasheet HTML 59Page - STMicroelectronics STA381BW Datasheet HTML 60Page - STMicroelectronics STA381BW Datasheet HTML 61Page - STMicroelectronics STA381BW Datasheet HTML 62Page - STMicroelectronics STA381BW Datasheet HTML 63Page - STMicroelectronics STA381BW Datasheet HTML 64Page - STMicroelectronics STA381BW Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 174 page
background image
DocID018835 Rev 8
61/174
STA381BW
Register description: New Map
Note:
(*): Clock is BICKI
6.13.2
Interpolation ratio selection
The STA381BW has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 3 times (Table 83: PLL register 0x56 bits D0), 2 times or 1 time (pass-through) or
provides a 2-times downsample. The oversampling ratio of this interpolation is determined
by the IR bits.
6.13.3
Fault-detect recovery bypass
Table 28. Input sampling rates
Input
sampling rate
fs (kHz)
IR
MCS[2:0]
111
110
101
100
011
010
001
000
32, 44.1, 48
00
64*fs(*)
NA
576 * fs 128 * fs 256 * fs 384 * fs 512 * fs 768 * fs
88.2, 96
01
64*fs(*) 32*fs(*)
NA
64 * fs
128 * fs 192 * fs 256 * fs 384 * fs
176.4, 192
1X
64*fs(*) 32*fs(*)
NA
32 * fs
64 * fs
96 * fs
128 * fs 192 * fs
Table 29. Internal interpolation ratio
Bit
R/W
RST
Name
Description
4:3
R/W
00
IR [1:0]
Selects internal interpolation ratio based on input I2S
sampling frequency
Table 30. IR bit settings as a function of the input sampling rate
Input sampling rate fs (kHz)
IR
1st stage interpolation ratio
32
00
2-times oversampling
44.1
00
2-times oversampling
48
00
2-times oversampling
88.2
01
Pass-through
96
01
Pass-through
176.4
10
2-times downsampling
192
10
2-times downsampling
Table 31. Fault-detect recovery bypass
Bit
R/W
RST
Name
Description
7
R/W
0
FDRB
0: fault-detect recovery enabled
1: fault-detect recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com