Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 20Page - STMicroelectronics STA381BW Datasheet HTML 21Page - STMicroelectronics STA381BW Datasheet HTML 22Page - STMicroelectronics STA381BW Datasheet HTML 23Page - STMicroelectronics STA381BW Datasheet HTML 24Page - STMicroelectronics STA381BW Datasheet HTML 25Page - STMicroelectronics STA381BW Datasheet HTML 26Page - STMicroelectronics STA381BW Datasheet HTML 27Page - STMicroelectronics STA381BW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 174 page
background image
Electrical specifications
STA381BW
24/174
DocID018835 Rev 8
3.5
Electrical specifications for the power section
The specifications given in this section are valid for the operating conditions: VCC = 24 V,
f = 1 kHz, fsw = 384 kHz, Tamb = 25° C and RL = 8 , unless otherwise specified.
Table 7. Electrical specifications - power section
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Po
Output power BTL
Digital limited(1)
20
W
Output power SE
Digital limited(1)
5
Output power SE RL = 4 
Digital limited(1)
9
RdsON Power Pchannel/Nchannel MOSFET
ld = 1.5 A
120
m

gP
Power Pchannel RdsON matching
ld = 1.5 A
95
%
gN
Power Nchannel RdsON matching
ld = 1.5 A
95
%
Idss
Power Pchannel/Nchannel leakage
10
μA
ILDT
Low current dead time (static)
Resistive load(2)
8
15
ns
tr
Rise time
Resistive load(2)
10
18
ns
tf
Fall time
Resistive load(2)
10
18
ns
Ivcc
Supply current from Vcc in power-down PWRDN = 0
0.1
1
μA
Supply current from Vcc in operation
PCM Input signal = -60 dBfs,
Switching frequency = 384 kHz,
No LC filters
52
60
mA
Ilim
Overcurrent limit
4
5
6.5
A
UVL
Undervoltage protection
3.5
4.3
V
VOV
Overvoltage protection
28.25
V
tmin
Output minimum pulse width
No load
20
30
60
ns
DR
Dynamic range
100
dB
SNR
Signal-to-noise ratio, ternary mode
A-weighted
100
dB
Signal-to-noise ratio, binary mode
A-weighted
90
dB
THD+N Total harmonic distortion + noise
FFX stereo mode, Po = 1 W,
f = 1 kHz
0.2
%
XTALK
Crosstalk
FFX stereo mode,
<5 kHz, one channel driven at
1 W and other channel
measured
80
dB
Peak efficiency, FFX mode
Po = 2 x 20 W into 8

90
%
1. The related THD can be defined through appropriate DRC settings (see section: 4.3: STCompressorTM)
2. Refer to Figure 3: Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com