Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 100 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 96Page - STMicroelectronics STA381BW Datasheet HTML 97Page - STMicroelectronics STA381BW Datasheet HTML 98Page - STMicroelectronics STA381BW Datasheet HTML 99Page - STMicroelectronics STA381BW Datasheet HTML 100Page - STMicroelectronics STA381BW Datasheet HTML 101Page - STMicroelectronics STA381BW Datasheet HTML 102Page - STMicroelectronics STA381BW Datasheet HTML 103Page - STMicroelectronics STA381BW Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 174 page
background image
Register description: New Map
STA381BW
100/174
DocID018835 Rev 8
6.34
F3XCFG (address 0x69; 0x6A)
D7
D6
D5
D4
D3
D2
D1
D0
F3XLNK
reserved
reserved
reserved
reserved
reserved
reserved
reserved
00000000
D7
D6
D5
D4
D3
D2
D1
D0
F3X_FAULT
reserved
reserved
F3X_SM_SLOPE[2:0]
F3X_MUTE
F3X_ENA
11101110
Table 92. F3X configuration register 1
Bit
R/W
RST
Name
Description
7
R/W
0
F3XLNK
0: F3X normal control mode
1: F3X mute/unmute linked to HP/Line mute
Table 93. F3X configuration register 2
Bit
R/W
RST
Name
Description
7
R
1
F3X_FAULT
0: Normal operation
4
R/W
0
F3X_SM_SLOPE
000: 0 ms
001: 25 ms
010: 50 ms
011: 100 ms
100: 200 ms
101: 250 ms
110: 500 ms
111: 1000 ms
3
R/W
1
2
R/W
1
1
R/W
1
F3X_MUTE
1: Mute
0
R/W
0
F3X_ENA
1: F3X enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com