Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 24Page - STMicroelectronics STA381BW Datasheet HTML 25Page - STMicroelectronics STA381BW Datasheet HTML 26Page - STMicroelectronics STA381BW Datasheet HTML 27Page - STMicroelectronics STA381BW Datasheet HTML 28Page - STMicroelectronics STA381BW Datasheet HTML 29Page - STMicroelectronics STA381BW Datasheet HTML 30Page - STMicroelectronics STA381BW Datasheet HTML 31Page - STMicroelectronics STA381BW Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 174 page
background image
Device overview
STA381BW
28/174
DocID018835 Rev 8
4
Device overview
The mentioned hyperlink in this section relates to the default New Map Section 6: Register
description: New Map.
4.1
Processing data path
The whole STA381BW processing chain is composed of two consecutive sections. In the
first one dual-channel processing is implemented (Figure 6) and then each channel is fed
into the post-mixing block allowing to generate either a third channel (typically used in 2.1
output configurations together with crossover filters) or to have the channels processed by
the dual-band DRC block (2.0 output configuration with crossover filters used to define the
cutoff frequency of the two bands).
The first section begins with a 2x oversampling FIR filter allowing 2*Fs audio processing.
Then a selectable high-pass filter removes the DC level (enabled if HFB = 0). The channel 1
and 2 processing chain can include up to 8 filters, depending on the selected configuration
(bits BQL, BQ5, BQ6, BQ7 and XO[3:0]). By default, 4 independent filters per channel are
enabled, plus the pre-configured Bass and Treble controls (BQL=0, BQ5=0, BQ6=0,
BQ7=0).
The STA381BW offers the possibility to share the filter coefficients between the two
processing channels. When this option is set (BQL=1), filters from the 1st to the 4th have
the same coeffcients set. Under these conditions, filters from the 5th to 7th can be used as
custom filters as well (provided the relevant BQx bits are set). Once again filter coefficients
are shared between the two processing channels.
Moreover the common 8th filter, from the subsequent processing section, can be available
on both channels (provided the pre-defined crossover frequencies are not used, XO[3:0]=0,
and the dual-band DRC is not used).
Figure 6. Processing path, first part
L
R
I2S Input
Interface
X2Over-
-sampling
FIR
Pre-
-scale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
Userd Defined Filters
De-emph
Or
Biquad #5
Bass
Or
Biquad #6
Treble
Or
Biquad #7
Tone Control
X2Over-
-sampling
FIR
Pre-
-scale
Hi-Pass
Filter
Biquad
#1
Biquad
#2
Biquad
#3
Biquad
#4
Userd Defined Filters
De-emph
Or
Biquad #5
Bass
Or
Biquad #6
Treble
Or
Biquad #7
Tone Control
Sampling Frequency = Fs
Sampling Frequency = 2xFs
Sampling Frequency = 2xFs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com