Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 63Page - STMicroelectronics STA381BW Datasheet HTML 64Page - STMicroelectronics STA381BW Datasheet HTML 65Page - STMicroelectronics STA381BW Datasheet HTML 66Page - STMicroelectronics STA381BW Datasheet HTML 67Page - STMicroelectronics STA381BW Datasheet HTML 68Page - STMicroelectronics STA381BW Datasheet HTML 69Page - STMicroelectronics STA381BW Datasheet HTML 70Page - STMicroelectronics STA381BW Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 174 page
background image
DocID018835 Rev 8
67/174
STA381BW
Register description: New Map
6.16.4
Zero-detect mute enable
Refer to 6.32: Enhanced zero-detect mute and input level measurement (address 0x61-
0x65, 0x3F, 0x40, 0x6F).
6.16.5
Submix mode enable
6.17
Configuration register E (addr 0x15)
6.17.1
Noise-shaper bandwidth selection
6.17.2
AM mode enable
The STA381BW features an FFX processing mode that minimizes the amount of noise
generated in the frequency range of AM radio. This mode is intended for use when FFX is
operating in a device with an active AM tuner. The SNR of the FFX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
Table 42. Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
0
ZDE
Setting of 1 enables the automatic zero-detect mute
Setting of 0 disables the automatic zero-detect mute
Table 43. Submix mode enable
Bit
R/W
RST
Name
Description
7
R/W
0
SME
0: Submix into left/right disabled
1: Submix into left/right enabled
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ZCE
Reserved
PWMS
AME
NSBW
Reserved
Reserved
10000010
Table 44. Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2
R/W
0
NSBW
1: Third order NS
0: Fourth order NS
Table 45. AM mode enable
Bit
R/W
RST
Name
Description
3
R/W
0
AME
0: Normal FFX operation
1: AM reduction mode FFX operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com