Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 95 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 91Page - STMicroelectronics STA381BW Datasheet HTML 92Page - STMicroelectronics STA381BW Datasheet HTML 93Page - STMicroelectronics STA381BW Datasheet HTML 94Page - STMicroelectronics STA381BW Datasheet HTML 95Page - STMicroelectronics STA381BW Datasheet HTML 96Page - STMicroelectronics STA381BW Datasheet HTML 97Page - STMicroelectronics STA381BW Datasheet HTML 98Page - STMicroelectronics STA381BW Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 174 page
background image
DocID018835 Rev 8
95/174
STA381BW
Register description: New Map
6.30.3
Channel PWM enable (CPWMEN) bit
This bit, when set, activates a mute output in case the volume reaches a value lower
than -76 dBFS.
6.30.4
External amplifier hardware pin enabler (LPDP, LPD LPDE) bits
Pin 42 (INTLINE), normally indicating a fault condition, using the following 3 register settings
can be reconfigured as a hardware pin enabler for an external headphone or line amplifier.
In particular the LPDE bit, when set, activates this function. Accordingly, the LPD value (0 or
1) is exported on pin 42 and in case of power-down assertion, pin 42 is tied to LPDP.
The LPDP bit, when set, negates the value programmed as the LPD value, refer to the
following table.
Table 86. External amplifier enabler configuration bits
Figure 29. Alternate function for INTLINE pin
6.30.5
Power-down delay selector (PNDLSL[2:0]) bits
The assertion of PWDN activates a counter that, by default, after 13 million clock cycles puts
the power bridge in tristate mode, independently from the fade-out time. Using these
registers it is possible to program this counter according to the following table.
LPDP
LPD
LPDE
Pin 42 output
x
x0
INT_LINE
0
01
0
0
11
1
1
01
1
1
11
0
Y
N
‘0 ’
LPD
“is th e device in powerdown?”
0
1
LP D P
0
1
LPD E
Po w er B rid ge Fau lt
IN T L IN E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com