Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 80 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 76Page - STMicroelectronics STA381BW Datasheet HTML 77Page - STMicroelectronics STA381BW Datasheet HTML 78Page - STMicroelectronics STA381BW Datasheet HTML 79Page - STMicroelectronics STA381BW Datasheet HTML 80Page - STMicroelectronics STA381BW Datasheet HTML 81Page - STMicroelectronics STA381BW Datasheet HTML 82Page - STMicroelectronics STA381BW Datasheet HTML 83Page - STMicroelectronics STA381BW Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 174 page
background image
Register description: New Map
STA381BW
80/174
DocID018835 Rev 8
Dynamic range compression mode
6.23.5
Limiter 1 extended attack threshold (addr 0x43)
The extended attack threshold value is determined as follows:
attack threshold = -12 + EATH1 / 4
To enable this feature, the EATHEN1 bit must be set to 1.
6.23.6
Limiter 1 extended release threshold (addr 0x44)
The extended release threshold value is determined as follows:
release threshold = -12 + ERTH1 / 4
To enable this feature, the ERTHEN1 bit must be set to 1.
Table 71. Limiter attack threshold as
a function of LxAT bits (DRC mode)
Table 72. Limiter release threshold as
a function of LxRT bits (DRC mode)
LxAT[3:0]
DRC (dB relative to volume)
LxRT[3:0]
DRC (dB relative to volume +
LxAT)
0000
-31
0000
-
0001
-29
0001
-38 dB
0010
-27
0010
-36 dB
0011
-25
0011
-33 dB
0100
-23
0100
-31 dB
0101
-21
0101
-30 dB
0110
-19
0110
-28 dB
0111
-17
0111
-26 dB
1000
-16
1000
-24 dB
1001
-15
1001
-22 dB
1010
-14
1010
-20 dB
1011
-13
1011
-18 dB
1100
-12
1100
-15 dB
1101
-10
1101
-12 dB
1110
-7
1110
-9 dB
1111
-4
1111
-6 dB
D7
D6
D5
D4
D3
D2
D1
D0
EATHEN1
EATH1[6]
EATH1[5]
EATH1[4]
EATH1[3]
EATH1[2]
EATH1[1]
EATH1[0]
00110000
D7
D6
D5
D4
D3
D2
D1
D0
ERTHEN1
ERTH1[6]
ERTH1[5]
ERTH1[4]
ERTH1[3]
ERTH1[2]
ERTH1[1]
ERTH1[0]
00110000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com