Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 46Page - STMicroelectronics STA381BW Datasheet HTML 47Page - STMicroelectronics STA381BW Datasheet HTML 48Page - STMicroelectronics STA381BW Datasheet HTML 49Page - STMicroelectronics STA381BW Datasheet HTML 50Page - STMicroelectronics STA381BW Datasheet HTML 51Page - STMicroelectronics STA381BW Datasheet HTML 52Page - STMicroelectronics STA381BW Datasheet HTML 53Page - STMicroelectronics STA381BW Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 174 page
background image
Register description: New Map
STA381BW
50/174
DocID018835 Rev 8
6.5
MVOL register (addr 0x04)
6.6
FINEVOL register (addr 0x05)
D7
D6
D5
D4
D3
D2
D1
D0
MVOL[7:0]
00000000
Table 19. Master volume register
Bit
R/W
RST
Name
Description
7
R/W
0
MVOL[7:0]
0x00: Hard mute (immediate switchoff)
0x01: Mute
0x02: Mute (PWM on)
0x03: Mute (PWM on)
others: volume = [(MVOL-255)/2] dB(1)
1. If the volume is below -60 dB, the level will be approximated to 1 dB step.
6
R/W
0
5
R/W
0
4
R/W
0
3
R/W
0
2
R/W
0
1
R/W
0
0
R/W
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FINE[1:0]
00000000
Table 20. Fine volume register
Bit
R/W
RST
Name
Description
1
R/W
FINE[1:0]
00 = 0 dB
01 = -0.125 dB
10 = -0.25 dB
11 = -0.375 dB
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com