Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 88 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 84Page - STMicroelectronics STA381BW Datasheet HTML 85Page - STMicroelectronics STA381BW Datasheet HTML 86Page - STMicroelectronics STA381BW Datasheet HTML 87Page - STMicroelectronics STA381BW Datasheet HTML 88Page - STMicroelectronics STA381BW Datasheet HTML 89Page - STMicroelectronics STA381BW Datasheet HTML 90Page - STMicroelectronics STA381BW Datasheet HTML 91Page - STMicroelectronics STA381BW Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 174 page
background image
Register description: New Map
STA381BW
88/174
DocID018835 Rev 8
6.25
Fault-detect recovery constant registers (addr 0x3C - 0x3D)
The FDRC bits specify the 16-bit fault-detect recovery time delay. When FAULT is asserted,
the TRISTATE output is immediately asserted low and held low for the time period specified
by this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x300C gives approximately 1 sec.
0x0000 is a reserved value.
6.26
Extended configuration register (addr 0x47)
The extended configuration register provides access to biquad 5, 6 and 7.
6.26.1
Extended post-scale range
Table 74. Extended post-scale range
Post-scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the coefficient RAM value, so post-scale can act as a gain too.
6.26.2
Extended attack rate
The attack rate shown in Table 67 can be extended to provide up to an 8 dB/ms attack rate
on both limiters.
Table 75. Extended attack rate, limiter 1
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00110000
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00001100
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
0
000111
PS48DB
Mode
0
Post-scale value is applied as defined in the coefficient RAM
1
Post-scale value is applied with a +48 dB offset with respect to the
coefficient RAM value
XAR1
Mode
0
Limiter1 attack rate is configured using Table 67
1
Limiter1 attack rate is 8 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com