Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 98 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 94Page - STMicroelectronics STA381BW Datasheet HTML 95Page - STMicroelectronics STA381BW Datasheet HTML 96Page - STMicroelectronics STA381BW Datasheet HTML 97Page - STMicroelectronics STA381BW Datasheet HTML 98Page - STMicroelectronics STA381BW Datasheet HTML 99Page - STMicroelectronics STA381BW Datasheet HTML 100Page - STMicroelectronics STA381BW Datasheet HTML 101Page - STMicroelectronics STA381BW Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 174 page
background image
Register description: New Map
STA381BW
98/174
DocID018835 Rev 8
The thresholds and hysteresis table above can be overridden and the low-level threshold
and high-level threshold can be set by the MTH[21:0] bits.
To activate the manual thresholds the FINETH bit has to be set to ‘1’.
To configure the low threshold, the WTHL bit must be set to ‘1’ so that any write operation to
the MTH bits will set the low threshold.
To configure the low threshold, the WTHH bit must be set to ‘1’ so that any write operation to
the MTH bits will set the low threshold.
If the zero-mute block does not detect mute, it will mute the output when the current RMS
value falls below the low threshold.
If the zero-mute block does not detect mute, it will unmute the output when the current RMS
value rises above the high threshold.
Table 90. Manual threshold register 0x3F, 0x40 and 0x6F
Table 89. Zero-detect hysteresis
HSEL[1:0]
Equivalent input level hysteresis(dB)
00
3
01
4
10
5
11
6
D7
D6
D5
D4
D3
D2
D1
D0
ReservedT
Reserved
MTH[21:16]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
MTH[15:8]
00000000
D7
D6
D5
D4
D3
D2
D1
D0
MTH[7:0]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com