Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 92 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 88Page - STMicroelectronics STA381BW Datasheet HTML 89Page - STMicroelectronics STA381BW Datasheet HTML 90Page - STMicroelectronics STA381BW Datasheet HTML 91Page - STMicroelectronics STA381BW Datasheet HTML 92Page - STMicroelectronics STA381BW Datasheet HTML 93Page - STMicroelectronics STA381BW Datasheet HTML 94Page - STMicroelectronics STA381BW Datasheet HTML 95Page - STMicroelectronics STA381BW Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 174 page
background image
Register description: New Map
STA381BW
92/174
DocID018835 Rev 8
6.28
Short-circuit protection mode registers SHOK (address 0x58)
The following power bridge pins short-circuit protections are implemented in the
STA381BW:
OUTxx vs. GNDx
OUTxx vs. VCCx
OUT1B vs. OUT2A
The protection is enabled when reg. 0x50 bit 0 (SHEN) is set to ‘1’. The protection will check
the short-circuit when the EAPD bit is toggled from ‘0’ to ‘1’ (i.e. the power bridge is switched
on), and only if the test passes (no short), does the power bridge leave the tristate condition.
Register 0x58 (read-only registers) will give more information about the detected short type.
GNDSH equal to ‘0’ means that OUTxx is shorted to ground, while the same value on
VCCSH means that OUTxx is shorted to Vcc, finally OUTSH=’0’ means that OUT1B is
shorted to OUT2A.
To be noted that once the check is performed, and the tristate released, the short protection
is not active anymore until the next EAPD 0->1 toggling which means that shorts that
happened during normal operation cannot be detected.
To be noted that register SHOK is meaningful only after the EAPD bit is set to ‘1’ at least
once.
The short-circuit protections implemented are effective only in BTL configuration, and they
must not be activated if a single-ended application scheme is needed.
Table 84. PLL register 0x57 bits
Bit
R/W
RST
Name
Description
3
R/W
BYPSTATE
PLL bypass state
2
R/W
PDSTATE
PLL PD state
1
R/W
OSCOK
OSCI locked
0
R/W
LOWCK
Clock input low-frequency check
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
GNDSH
VCCSH
OUTSH
NA
NA
NA
NA
NA
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com