Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 13Page - STMicroelectronics STA381BW Datasheet HTML 14Page - STMicroelectronics STA381BW Datasheet HTML 15Page - STMicroelectronics STA381BW Datasheet HTML 16Page - STMicroelectronics STA381BW Datasheet HTML 17Page - STMicroelectronics STA381BW Datasheet HTML 18Page - STMicroelectronics STA381BW Datasheet HTML 19Page - STMicroelectronics STA381BW Datasheet HTML 20Page - STMicroelectronics STA381BW Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 174 page
background image
DocID018835 Rev 8
17/174
STA381BW
Description
1
Description
The STA381BW is an integrated solution embedding digital audio processing, digital
amplification, FFXTM power output stage, headphone and 2 Vrms line outputs. It is part of
the Sound Terminal® family and provides full digital audio streaming from the source to the
speaker, offering cost effectiveness, low power dissipation and sound enrichment.
The STA381BW input section consists of a flexible digital input serial audio interface,
feeding the digital processing unit, and an analog 1 Vrms input for a seamless connection
with pure analog sources. The serial audio data input interface supports many formats,
including the popular IIS format.
The STA381BW is based on an FFXTM (Fully Flexible Amplification) processor, proprietary
technology from STMicroelectronics. FFXTM is the evolution of the ST ternary technology:
the advanced processor is available for ternary, binary, binary differential and phase shift
PWM modulation. The STA381BW embeds the ternary, binary and binary differential
implementations, a subset of the full capability of the FFXTM processor.
The STA381BW power section consists of four independent half-bridges. These can be
configured via digital control to operate in different modes. A 2.1-channel setup can be
implemented with two half-bridges (L/R) together with a single full-bridge (subwoofer).
Alternatively, the 2.0-channel setup can be done with two full-bridges. When using this
configuration, an external amplifier for the SW channel can also be driven through the PWM
output. The STA381BW is able to deliver 2 x 20 W (ternary) into an 8
 load at 18 V or
2 x 9 W (binary) into a 4
 load, plus 1 x 20 W (ternary) into an 8  load at 18 V.
The STA381BW also provides a capless headphone out (with embedded negative charge
pump), able to deliver up to 40 mW into a 32
 load or, alternatively, can be configured as a
2 Vrms line output.
The STA381BW digital processing unit includes up to 12 programmable biquads (EQs),
allowing perfect sound equalization and offering advanced noise-shaping techniques.
Moreover, the coefficient range ensures a great variety of filter shapes (low/high-pass,
low/high shelf, peak, notch, band-pass). The equalization engine is fully compatible with the
ST speaker compensation technology embedded into the APWorkbench suite. A state-of-
the-art multi-band DRC, STCompressorTM equalizes the system to provide active speaker
protection with full audio quality preservation against sudden sound peaks. Moreover,
STSpeakerSafeTM technology offers reliable speaker protection under any condition. The
master clock can be from stable BICKI (64xfs, 50% duty cycle) or external XTI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com