Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 68 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 64Page - STMicroelectronics STA381BW Datasheet HTML 65Page - STMicroelectronics STA381BW Datasheet HTML 66Page - STMicroelectronics STA381BW Datasheet HTML 67Page - STMicroelectronics STA381BW Datasheet HTML 68Page - STMicroelectronics STA381BW Datasheet HTML 69Page - STMicroelectronics STA381BW Datasheet HTML 70Page - STMicroelectronics STA381BW Datasheet HTML 71Page - STMicroelectronics STA381BW Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 174 page
background image
Register description: New Map
STA381BW
68/174
DocID018835 Rev 8
6.17.3
PWM speed mode
6.17.4
Zero-crossing enable
The ZCE bit enables zero-crossing adjustment. When volume is adjusted on digital zero-
crossing, no clicks are audible
6.18
Configuration register F (addr 0x16)
6.18.1
Invalid input detect mute enable
Setting the IDE bit enables this function, which looks at the input I2S data and automatically
mutes if the signals are perceived as invalid.
6.18.2
Binary output mode clock loss detection
This bit detects loss of input MCLK in binary mode and will output 50% duty cycle.
Table 46. PWM speed mode
Bit
R/W
RST
Name
Description
4
R/W
0
PWMS
0: Normal speed (384 kHz) all channels
1: Odd speed (341.3 kHz) all channels. Not suitable for
binary BTL mode.
Table 47. Zero-crossing enable
Bit
R/W
RST
Name
Description
6
R/W
0
ZCE
1: Volume adjustment only occurs at digital zero-crossing
0: Volume adjustment occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
Reserved
LDTE
BCLE
IDE
Reserved
Reserved
010111
Table 48. Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
Setting of 1 enables the automatic invalid input
detect mute
Table 49. Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com