Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 105 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 101Page - STMicroelectronics STA381BW Datasheet HTML 102Page - STMicroelectronics STA381BW Datasheet HTML 103Page - STMicroelectronics STA381BW Datasheet HTML 104Page - STMicroelectronics STA381BW Datasheet HTML 105Page - STMicroelectronics STA381BW Datasheet HTML 106Page - STMicroelectronics STA381BW Datasheet HTML 107Page - STMicroelectronics STA381BW Datasheet HTML 108Page - STMicroelectronics STA381BW Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 174 page
background image
DocID018835 Rev 8
105/174
STA381BW
Register description: New Map
Direct single-write procedure
1.
Set reg 0x7E bit 0 to 1 and bit 1 to 0 to enable the direct RAM access in single-write
mode.
2.
Write the coefficient value to the device using an I2C bus single-write operation as
discribed in Figure 30.
Figure 30. Coefficients direct access single-write operation
Direct multi-write procedure
1.
Set the reg 0x7E bit 0 to 1 and bit 1 to 1 to enable direct RAM access in multi-write
mode.
2.
Write the coefficients value to the device using an I2C bus multi-write operation as
discribed in Figure 31. Please note that by using the multi-write procedure, it is possible
to write the entire RAM contents at once.
Figure 31. Coefficients direct access multiple-write operation
Direct single-read procedure
1.
Set reg 0x7E bit 0 to 1 and bit 1 to 0 to enable the direct RAM access in single-read
mode.
2.
Read the coefficient value from the device using an I2C bus single-read operation as
discribed in Figure 32.
Figure 32. Coefficients direct access single-read operation
Please be aware that the STA381BW supports 24-bit coefficients, for this reason in the
above figures Coeff_x(0) is always equal to 0x00 when either reading or writing. The multi-
write procedure embeds a wrap-around mechanism: when trying to write into a location
exceeding the maximum coefficient address, the multi-write procedure will start from
location 0x00.
Slave address
S
w A
Mem Addr
A
Coeff_0(3)
A
Coeff_0(2)
A
Coeff_0(1)
A
Coeff_0(0)
A
Coeff_1(3)
A
Coeff_1(2)
A
Coeff_1(1)
A
Coeff_1(0)
A
Coeff_n(3)
A
Coeff_n(2)
A
Coeff_n(1)
A
Coeff_n(0)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com