Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 139 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 135Page - STMicroelectronics STA381BW Datasheet HTML 136Page - STMicroelectronics STA381BW Datasheet HTML 137Page - STMicroelectronics STA381BW Datasheet HTML 138Page - STMicroelectronics STA381BW Datasheet HTML 139Page - STMicroelectronics STA381BW Datasheet HTML 140Page - STMicroelectronics STA381BW Datasheet HTML 141Page - STMicroelectronics STA381BW Datasheet HTML 142Page - STMicroelectronics STA381BW Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 174 page
background image
DocID018835 Rev 8
139/174
STA381BW
Register description: Sound Terminal compatibility
7.12.12
Coefficient a2 data register bits 15:8
7.12.13
Coefficient a2 data register bits 7:0
7.12.14
Coefficient b0 data register bits 23:16
7.12.15
Coefficient b0 data register bits 15:8
7.12.16
Coefficient b0 data register bits 7:0
7.12.17
Coefficient write/read control register
Coefficients for user-defined EQ, mixing, scaling, bass management and STCompressorTM
(see Section 4.2) are handled internally in the STA381BW via RAM. Access to this RAM is
available to the user via an I2C register interface. A collection of I2C registers are dedicated
to this function. One contains a coefficient base address, five sets of three store the values
of the 24-bit coefficients to be written or that were read, and one contains bits used to
control the write/read of the coefficient(s) to/from RAM.
Note:
The read and write operation on RAM coefficients works only if LRCKI (pin 29) is switching.
D7
D6
D5
D4
D3
D2
D1
D0
C4B15
C4B14
C4B13
C4B12
C4B11
C4B10
C4B9
C4B8
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C4B7
C4B6
C4B5
C4B4
C4B3
C4B2
C4B1
C4B0
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C5B23
C5B22
C5B21
C5B20
C5B19
C5B18
C5B17
C5B16
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
00000000
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
RA
R1
WA
W1
0
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com