Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BW Datasheet(PDF) 166 Page - STMicroelectronics

Part # STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 162Page - STMicroelectronics STA381BW Datasheet HTML 163Page - STMicroelectronics STA381BW Datasheet HTML 164Page - STMicroelectronics STA381BW Datasheet HTML 165Page - STMicroelectronics STA381BW Datasheet HTML 166Page - STMicroelectronics STA381BW Datasheet HTML 167Page - STMicroelectronics STA381BW Datasheet HTML 168Page - STMicroelectronics STA381BW Datasheet HTML 169Page - STMicroelectronics STA381BW Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BW
166/174
DocID018835 Rev 8
7.30
MISC3 (address 0x6E)
After SRESET is written, the last IC acknowledge is skipped and the EAPD bit (reg 0x16 bit
D7) is set to1 instead of the 0 default value obtained after the hardware reset.
7.31
MISC4 (address 0x7E)
D7
D6
D5
D4
D3
D2
D1
D0
reserved
reserved
reserved
reserved
reserved
SRESET
reserved
reserved
00000000
Table 181. Misc register 3
Bit
R/W
RST
Name
Description
2
R/W
0
SRESET
0: normal operation
1: reset the device
D7
D6
D5
D4
D3
D2
D1
D0
SMAP
reserved
reserved
reserved
reserved
reserved
reserved
reserved
10000000
Table 182. MISC4
Bit
R/W
RST
Name
Description
7
1
SMAP
1: NEWMAP
0: STMAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com