Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 8Page - STMicroelectronics LIS3DSH Datasheet HTML 9Page - STMicroelectronics LIS3DSH Datasheet HTML 10Page - STMicroelectronics LIS3DSH Datasheet HTML 11Page - STMicroelectronics LIS3DSH Datasheet HTML 12Page - STMicroelectronics LIS3DSH Datasheet HTML 13Page - STMicroelectronics LIS3DSH Datasheet HTML 14Page - STMicroelectronics LIS3DSH Datasheet HTML 15Page - STMicroelectronics LIS3DSH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Mechanical and electrical specifications
LIS3DSH
12/53
Doc ID 022405 Rev 1
3
Mechanical and electrical specifications
3.1
Mechanical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a).
a.
The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
FS bit set to 000
±2.0
g
FS bit set to 001
±4.0
g
FS bit set to 010
±6.0
g
FS bit set to 011
±8.0
g
FS bit set to 100
±16.0
g
So
Sensitivity
FS bit set to 000
0.06
mg/digit
FS bit set to 001
0.12
mg/digit
FS bit set to 010
0.18
mg/digit
FS bit set to 011
0.24
mg/digit
FS bit set to 100
0.73
mg/digit
TCSo
Sensitivity change vs.
temperature
FS bit set to 00
0.01
%/°C
TyOff
Typical zero-
g level
offset accuracy(3)
FS bit set to 00
±40
m
g
TCOff
Zero-
g level change
vs. temperature
Max. delta from 25 °C
±0.5
m
g/°C
An
Acceleration noise
density
FS bit set to 00, normal mode,
ODR = 100 Hz
150
u
g/
sqrt(Hz)
ST
Self test positive
difference(4)
± 2g range, X,Y-axis ST2,ST1 = [01]
see
Figure 24
140
m
g
± 2g range, Z-axis ST2,ST1 = [01]
see
Figure 24
590
Top
Operating
temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical zero-
g level offset value after MSL3 preconditioning.
4.
Self-test output change” is defined as: OUTPUT[mg](CNTL5 ST2, ST1 bits=01) - OUTPUT[mg](CNTL5 ST2, ST1 bits=00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com