Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 37Page - STMicroelectronics LIS3DSH Datasheet HTML 38Page - STMicroelectronics LIS3DSH Datasheet HTML 39Page - STMicroelectronics LIS3DSH Datasheet HTML 40Page - STMicroelectronics LIS3DSH Datasheet HTML 41Page - STMicroelectronics LIS3DSH Datasheet HTML 42Page - STMicroelectronics LIS3DSH Datasheet HTML 43Page - STMicroelectronics LIS3DSH Datasheet HTML 44Page - STMicroelectronics LIS3DSH Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
41/53
8.28
CTRL_REG1 (21h)
SM1 control register.
8.29
STx_1 (40h-4Fh)
State machine 1 code register STx_1 (x = 1-16).
State machine 1 system register is made up of 16, 8- bit registers to implement 16-step op-
code.
8.30
TIM4_1 (50h)
8-bit general timer (unsigned value) for SM1 operation timing.
8.31
TIM3_1 (51h)
8-bit general timer (unsigned value) for SM1 operation timing.
Table 58.
FIFO_SRC register description
WTM
Watermark status.
0=FIFO filling is lower than WTM level; 1=FIFO filling is equal or higher than WTM
level
OVRN_FIFO
Overrun bit status. 0=FIFO is not completely filled; 1=FIFO is completely filled
EMPTY
FIFO empty bit.
0=FIFO not empty; 1=FIFO empty)
FSS4-FSS0
FIFO stored data level
Table 59.
SM1 control register
HYST2_1
HYST1_1
HYST0_1
-
SM1_PIN
-
-
SM1_EN
Table 60.
SM1 control register structure
HYST2_1
HYST1_1
HYST0_1
Hysteresis unsigned value to be added or subtracted from threshold value in SM1
Default value=000
SM1_PIN
0=SM1 interrupt routed to INT1, 1=SM1 interrupt routed to INT2 pin
Default value=0
SM1_EN
0=SM1 disabled, 1=SM1 enabled
Default value=0
Table 61.
Timer4 default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com