Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 37 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 33Page - STMicroelectronics LIS3DSH Datasheet HTML 34Page - STMicroelectronics LIS3DSH Datasheet HTML 35Page - STMicroelectronics LIS3DSH Datasheet HTML 36Page - STMicroelectronics LIS3DSH Datasheet HTML 37Page - STMicroelectronics LIS3DSH Datasheet HTML 38Page - STMicroelectronics LIS3DSH Datasheet HTML 39Page - STMicroelectronics LIS3DSH Datasheet HTML 40Page - STMicroelectronics LIS3DSH Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
37/53
8.13
CS_X (13h)
Constant shift signed value X-axis register - state machine only.
8.14
CS_Y (14h)
Constant shift signed value Y-axis register - state machine only.
8.15
CS_Z (15h)
Constant shift signed value Y-axis register - state machine only.
8.16
LC (16h - 17h)
16-bit long-counter register for interrupt state machine programs timing.
01h=counting stopped, 00h=counter full:interrupt available and counter is set to default.
Values higher than 00h:counting
8.17
STAT (18h)
Interrupt status - interrupt synchronization register.
Table 37.
Constant shift X-axis default value
0
000
00
00
Table 38.
Constant shift Y-axis default value
0
000
00
00
Table 39.
Constant shift Y-axis default value
0
000
00
00
Table 40.
LC_L default value
0
000
00
01
Table 41.
LC_H default value
0
000
00
00
Table 42.
STAT register
LONG
SYNCW
SYNC1
SYNC2
INT_SM1
INT_SM2
DOR
DRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com