Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 25Page - STMicroelectronics LIS3DSH Datasheet HTML 26Page - STMicroelectronics LIS3DSH Datasheet HTML 27Page - STMicroelectronics LIS3DSH Datasheet HTML 28Page - STMicroelectronics LIS3DSH Datasheet HTML 29Page - STMicroelectronics LIS3DSH Datasheet HTML 30Page - STMicroelectronics LIS3DSH Datasheet HTML 31Page - STMicroelectronics LIS3DSH Datasheet HTML 32Page - STMicroelectronics LIS3DSH Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
LIS3DSH
Register mapping
Doc ID 022405 Rev 1
29/53
7
Register mapping
Table 16 provides a list of the 8/16-bit registers embedded in the device and the related
address:
Table 16.
Register address map
Name
Type
Register address
Default
Comment
Hex
Binary
INFO1
r
0D
00001101
0010 0001
Information register 1
INFO2
r
0E
00001110
0000 0000
Information register 2
WHO_AM_I
r
OF
00001111
0011 1111
Who I am ID
CTRL_REG3
r/w
23
00100011
-
Control registers
CTRL_REG4
r/w
20
00100000
-
CTRL_REG5
r/w
24
00100100
-
CTRL_REG6
r/w
25
00100101
-
STATUS
r
27
00100111
-
Status data register
OUT_T
r
0C
00001100
-
Temperature output
OFF_X
r/w
10
00010000
0000 0000
X-axis offset correction
OFF_Y
r/w
11
00010001
0000 0000
Y-axis offset correction
OFF_Z
r/w
12
00010010
0000 0000
Z-axis offset correction
CS_X
r/w
13
00010011
0000 0000
Constant shift X
CS_Y
r/w
14
00010100
0000 0000
Constant shift Y
CS_Z
r/w
15
00010101
0000 0000
Constant shift Z
LC_L
r/w
16
00010110
0000 0001
Long counter registers
LC_H
r/w
17
00010111
0000 0000
STAT
r
18
00011000
-
Interrupt synchronization
VFC_1
r/w
1B
00011011
-
Vector filter coefficient 1
VFC_2
r/w
1C
00011100
-
Vector filter coefficient 2
VFC_3
r/w
1D
00011101
-
Vector filter coefficient 3
VFC_4
r/w
1E
00011110
-
Vector filter coefficient 4
THRS3
r/w
1F
00011111
-
Threshold value 3
OUT_X_L
r
28
00101000
0000 0000
Output registers
OUT_X_H
r
29
00101001
OUT_Y_L
r
2A
00101010
OUT_Y_H
r
2B
00101011
OUT_Z_L
r
2C
00101100
OUT_Z_H
r
2D
00101101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com