Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 28Page - STMicroelectronics LIS3DSH Datasheet HTML 29Page - STMicroelectronics LIS3DSH Datasheet HTML 30Page - STMicroelectronics LIS3DSH Datasheet HTML 31Page - STMicroelectronics LIS3DSH Datasheet HTML 32Page - STMicroelectronics LIS3DSH Datasheet HTML 33Page - STMicroelectronics LIS3DSH Datasheet HTML 34Page - STMicroelectronics LIS3DSH Datasheet HTML 35Page - STMicroelectronics LIS3DSH Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Register description
LIS3DSH
32/53
Doc ID 022405 Rev 1
8
Register description
8.1
INFO1 (0Dh)
Read only information register.
8.2
INFO2 (0Eh)
Read only information register.
8.3
WHO_AM_I (0Fh)
Who_AM_I register.
8.4
CTRL_REG3 (23h)
Control register 3.
Table 17.
INFO1 register default value
0
010
00
01
Table 18.
INFO2 register default value
0
000
00
00
Table 19.
WHO_AM_I register default value
0
011
11
11
Table 20.
Control register 3
DR_EN
IEA
IEL
INT2_EN
INT1_EN
VFILT
-
STRT
Table 21.
CTRL_REG3 register description
DR_EN
DRDY signal enable to INT1. Default value:0
0 = data ready signal not connected, 1 = data ready signal connected to INT1
IEA
Interrupt signal polarity. Default value:0
0 = interrupt signals active LOW, 1 = interrupt signals active HIGH
IEL
Interrupt signal latching. Default value:0
0 = interrupt signals latched, 1 = interrupt signal pulsed
INT2_EN
Interrupt 2 enable/disable. Default value:0
0 = INT2 signal disabled, 1 = INT2 signal enabled
INT1_EN
Interrupt 2 enable/disable. Default Value:0
0 = INT1/DRDY signal disabled, 1 = INT1/DRDY signal enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com