Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 45 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 41Page - STMicroelectronics LIS3DSH Datasheet HTML 42Page - STMicroelectronics LIS3DSH Datasheet HTML 43Page - STMicroelectronics LIS3DSH Datasheet HTML 44Page - STMicroelectronics LIS3DSH Datasheet HTML 45Page - STMicroelectronics LIS3DSH Datasheet HTML 46Page - STMicroelectronics LIS3DSH Datasheet HTML 47Page - STMicroelectronics LIS3DSH Datasheet HTML 48Page - STMicroelectronics LIS3DSH Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
LIS3DSH
Register description
Doc ID 022405 Rev 1
45/53
8.41
OUTS1 (5Fh)
Output flags on axis for interrupt SM1 management.
Read action of this register, depending on the flag affects SM1 interrupt functions.
8.42
PEAK1 (19h)
Peak detection value register for SM1 operation.
Peak detected value for next condition SM1.
8.43
CTRL_REG2 (22h)
State program 2 interrupt MNG - SM2 control register.
Table 79.
OUTS1 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 80.
OUTS1 register description
P_X
0=X + no show, 1=X+ show
N_X
0=X - no show, 1=X – show
P_Y
0=Y + no show, 1=Y + show
N_Y
0=Y - no show, 1=Y – show
P_Z
0=Z + no show, 1=Z + show
N_Z
0=Z - no show, 1=Z – show
P_V
0=V + no show, 1=V + show
N_V
0=V - no show, 1=V – show
Table 81.
PEAK1 default value
0
000
00
00
Table 82.
SM2 control register
HYST2_2
HYST1_2
HYST0_2
-
SM2_PIN
-
-
SM2_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com