Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 36 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 32Page - STMicroelectronics LIS3DSH Datasheet HTML 33Page - STMicroelectronics LIS3DSH Datasheet HTML 34Page - STMicroelectronics LIS3DSH Datasheet HTML 35Page - STMicroelectronics LIS3DSH Datasheet HTML 36Page - STMicroelectronics LIS3DSH Datasheet HTML 37Page - STMicroelectronics LIS3DSH Datasheet HTML 38Page - STMicroelectronics LIS3DSH Datasheet HTML 39Page - STMicroelectronics LIS3DSH Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Register description
LIS3DSH
36/53
Doc ID 022405 Rev 1
8.9
OUT_T (0Ch)
Temperature output register. Temperature data (1LSB/deg - 8-bit resolution). The value is
expressed as two's complement.
8.10
OFF_X (10h)
Offset correction X-axis register,signed value.
8.11
OFF_Y (11h)
Offset correction Y-axis register, signed value.
8.12
OFF_Z (12h)
Offset correction Z-axis register, signed value.
YDA
Y axis new data available. Default value: 0
0=a new data for the Y-axis is not yet available;
1=a new data for the Y-axis is available
XDA
X axis new data available. Default value: 0
0=a new data for the X-axis is not yet available;
1=a new data for the X-axis is available
Table 31.
Status register description (continued)
Table 32.
OUT_T register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 33.
OUT_T register description
Temp7-Temp0
Temperature data.
Table 34.
Offset X default value
0
000
00
00
Table 35.
Offset Y default value
0
000
00
00
Table 36.
Offset Z default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com