Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 30Page - STMicroelectronics LIS3DSH Datasheet HTML 31Page - STMicroelectronics LIS3DSH Datasheet HTML 32Page - STMicroelectronics LIS3DSH Datasheet HTML 33Page - STMicroelectronics LIS3DSH Datasheet HTML 34Page - STMicroelectronics LIS3DSH Datasheet HTML 35Page - STMicroelectronics LIS3DSH Datasheet HTML 36Page - STMicroelectronics LIS3DSH Datasheet HTML 37Page - STMicroelectronics LIS3DSH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Register description
LIS3DSH
34/53
Doc ID 022405 Rev 1
The BDU bit is used to inhibit the output registers update until both upper and lower register
parts are read. In default mode (BDU=‘0’) the output register values are updated
continuously. If for any reason it is not sure whether to read faster than the output data rate it
is recommended to set the BDU bit to ‘1’. In this way the content of output registers is not
updated until both MSb and LSb are read avoiding the reading of values related to a
different sample time.
8.6
CTRL_REG5 (24h)
Control register 5.
8.7
CTRL_REG6 (25h)
Control register 6.
Table 25.
Control register 5
BW2
BW1
FSCALE2
FSCALE1
FSCALE0
ST2
ST1
SIM
Table 26.
Control register 5 description
BW2:BW1
Anti-aliasing filter bandwidth. Default value: 00
00=800 Hz; 01=400 Hz; 10:=200 Hz; 11:=50 Hz)
FSCALE2:0
Full-scale selection. Default value: 00
000=+/- 2G; 001=+/- 4G; 010=+/- 6G; 011=+/- 8G; 100=+/- 16G
ST2:1
Self-test enable. Default value: 00
00=self-test disabled;
SIM
SPI serial interface mode selection. Default value: 0
0=4-wire interface; 1:=3-wire interface
Table 27.
Self-test mode selection
ST2
ST1
Self test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
Table 28.
Control register 6
BOOOT
FIFO_EN
WTM_EN
ADD_
INC
P1_
EMPTY
P1_WTM
P1_OVER
RUN
P2_
BOOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com