Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 26Page - STMicroelectronics LIS3DSH Datasheet HTML 27Page - STMicroelectronics LIS3DSH Datasheet HTML 28Page - STMicroelectronics LIS3DSH Datasheet HTML 29Page - STMicroelectronics LIS3DSH Datasheet HTML 30Page - STMicroelectronics LIS3DSH Datasheet HTML 31Page - STMicroelectronics LIS3DSH Datasheet HTML 32Page - STMicroelectronics LIS3DSH Datasheet HTML 33Page - STMicroelectronics LIS3DSH Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Register mapping
LIS3DSH
30/53
Doc ID 022405 Rev 1
FIFO_CTRL
r/w
2E
00101110
0000 0000
FIFO registers
FIFO_SRC
r
2F
00101111
-
CTRL_REG1
r/w
21
00100001
0000 0000
SM1 control register
ST1_X
w
40-4F
01000000
01001111
-
SM1 code register
(X =1-16)
TIM4_1
w
50
01010000
-
SM1 general timer
TIM3_1
w
51
01010001
-
TIM2_1
w
52-53
01010010
01010011
-
TIM1_1
w
54-55
01010100
01010101
-
THRS2_1
w
56
01010110
-
SM1 threshold value 1
THRS1_1
w
57
01010111
-
SM1 threshold value 2
MASK1_B
w
59
01011001
-
SM1 axis and sign mask
MASK1_A
w
5A
01011010
-
SM1 axis and sign mask
SETT1
w
5B
01011011
-
SM1 detection settings
PR1
r
5C
01011100
-
Program-reset pointer
TC1
r
5D-5E
01011101
01011110
-
Timer counter
OUTS1
r
5F
01011111
-
Main set flag
PEAK1
r
19
00011001
-
Peak value
CTRL_REG2
r/w
22
00100010
-
SM2 control register
ST2_X
w
60-6F
01100000
01101111
-
SM2 code register
(X =1-16)
TIM4_2
w
70
01110000
-
SM2 general timer
TIM3_2
w
71
01110001
-
TIM2_2
w
72-73
01110010
01110011
-
TIM1_2
w
74-75
01110100
01110101
-
THRS2_2
w
76
01110110
-
SM2 threshold value 1
THRS1_2
w
77
01110111
-
SM2 threshold value 2
MASK2_B
w
79
01111001
-
SM2 axis and sign mask
MASK2_A
w
7A
01111010
SM2 axis and sign mask
SETT2
w
7B
01111011
-
SM2 detection settings
Table 16.
Register address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com