Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 50 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 45Page - STMicroelectronics LIS3DSH Datasheet HTML 46Page - STMicroelectronics LIS3DSH Datasheet HTML 47Page - STMicroelectronics LIS3DSH Datasheet HTML 48Page - STMicroelectronics LIS3DSH Datasheet HTML 49Page - STMicroelectronics LIS3DSH Datasheet HTML 50Page - STMicroelectronics LIS3DSH Datasheet HTML 51Page - STMicroelectronics LIS3DSH Datasheet HTML 52Page - STMicroelectronics LIS3DSH Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Register description
LIS3DSH
50/53
Doc ID 022405 Rev 1
8.57
PEAK2 (1Ah)
Peak detection value register for SM2 operation.
Peak detected value for next condition SM2.
8.58
DES2 (78h)
Decimation counter value register for SM2 operation.
Registers marked as ‘
Reserved’ must not be changed. The writing to those registers may
cause permanent damages to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
P_Y
0=Y + no show, 1=Y + show
N_Y
0=Y - no show, 1=Y – show
P_Z
0=Z + no show, 1=Z + show
N_Z
0=Z - no show, 1=Z – show
P_V
0=V + no show, 1=V + show
N_V
0=V - no show, 1=V – show
Table 103.
OUTS2 register description
Table 104.
PEAK2 default value
0
000
00
00
Table 105.
DES2 default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com