Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 48 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 44Page - STMicroelectronics LIS3DSH Datasheet HTML 45Page - STMicroelectronics LIS3DSH Datasheet HTML 46Page - STMicroelectronics LIS3DSH Datasheet HTML 47Page - STMicroelectronics LIS3DSH Datasheet HTML 48Page - STMicroelectronics LIS3DSH Datasheet HTML 49Page - STMicroelectronics LIS3DSH Datasheet HTML 50Page - STMicroelectronics LIS3DSH Datasheet HTML 51Page - STMicroelectronics LIS3DSH Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Register description
LIS3DSH
48/53
Doc ID 022405 Rev 1
8.52
MASK2_A (7Ah)
Axis and sign mask (default) for SM2 motion detection operation.
8.53
SETT2 (7Bh)
Setting of threshold, peak detection and flags for SM2 motion detection operation.
P_V
0=V + disabled, 1=V + enabled
N_V
0=V - disabled, 1=V – enabled
Table 93.
MASK2_B register description
Table 94.
MASK2_A axis and sign mask register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 95.
MASK2_B register description
P_X
0=X + disabled, 1=X + enabled
N_X
0=X - disabled, 1=X – enabled
P_Y
0=Y + disabled, 1=Y + enabled
N_Y
0=Y - disabled, 1=Y – enabled
P_Z
0=Z + disabled, 1=Z + enabled
N_Z
0=Z - disabled, 1=Z – enabled
P_V
0=V + disabled, 1=V + enabled
N_V
0=V - disabled, 1=V – enabled
Table 96.
SETT2 register
P_DET
THR3_SA
ABS
-
-
THR3_MA
R_TAM
SITR
Table 97.
SETT2 register description
P_DET
SM2 peak detection. Default value: 0
0=peak detection disabled, 1=peak detection enabled
THR3_SA
Default value: 0
0=no action, 1=threshold 3 limit value for axis and sign mask reset (MASK2_B)
ABS
Default value: 0
0=unsigned thresholds, 1=signed thresholds
THR3_MA
Default value: 0
0=no action, 1=threshold 3 limit value for axis and sign mask reset (MASK2_A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com