Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 16Page - STMicroelectronics LIS3DSH Datasheet HTML 17Page - STMicroelectronics LIS3DSH Datasheet HTML 18Page - STMicroelectronics LIS3DSH Datasheet HTML 19Page - STMicroelectronics LIS3DSH Datasheet HTML 20Page - STMicroelectronics LIS3DSH Datasheet HTML 21Page - STMicroelectronics LIS3DSH Datasheet HTML 22Page - STMicroelectronics LIS3DSH Datasheet HTML 23Page - STMicroelectronics LIS3DSH Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Digital main blocks
LIS3DSH
20/53
Doc ID 022405 Rev 1
5
Digital main blocks
5.1
State machine
The LIS3DSH embeds two state machines able to run a user defined program.
The program is made up of a set of instructions that define the transition to successive
states. Conditional branches are possible.
From each state (n) it is possible to have transition to the next state (n+1) or to reset state.
Transition to reset point happens when “RESET condition” is true; Transition to the next step
happens when “NEXT condition” is true.
Interrupt is triggered when output/stop/continue state is reached.
Each state machine allows to implement gesture recognition in a flexible way, free-fall,
wake-up, 4D/6D orientation, pulse counter and step recognition, click/double click,
shake/double shake, face-up/face-down, turn/double turn:
●
Code and parameters are loaded by the host into dedicated memory areas for the state
program
●
State program with timing based on ODR or decimated time
●
Possibility of conditional branches
Table 8.
LIS3DSH state machines: sequence of state to execute an algorithm
State 1
State 2
next
State 3
next
State n
next
reset
reset
reset
reset
START
OUTPUT/STOP/CONTINUE
INT set
AM10212V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com