Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3DSH Datasheet(PDF) 46 Page - STMicroelectronics

Part # LIS3DSH
Description  MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3DSH Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LIS3DSH Datasheet HTML 42Page - STMicroelectronics LIS3DSH Datasheet HTML 43Page - STMicroelectronics LIS3DSH Datasheet HTML 44Page - STMicroelectronics LIS3DSH Datasheet HTML 45Page - STMicroelectronics LIS3DSH Datasheet HTML 46Page - STMicroelectronics LIS3DSH Datasheet HTML 47Page - STMicroelectronics LIS3DSH Datasheet HTML 48Page - STMicroelectronics LIS3DSH Datasheet HTML 49Page - STMicroelectronics LIS3DSH Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Register description
LIS3DSH
46/53
Doc ID 022405 Rev 1
8.44
STx_1 (60h-6Fh)
State Machine 2 code register STx_1 (x = 1-16).
State machine 2 system register is made up of 16 8-bit registers, to implement 16-step op-
code.
8.45
TIM4_2 (70h)
8-bit general timer (unsigned value) for SM2 operation timing.
8.46
TIM3_2 (71h)
8-bit general timer (unsigned value) for SM2 operation timing.
8.47
TIM2_2 (72h - 73h)
16-bit general timer (unsigned value) for SM2 operation timing.
Table 83.
SM2 control register description
HYST2_2
HYST1_2
HYST0_2
Hysteresis unsigned value to be added or subtracted from threshold value in SM2.
Default value=000
SM2_PIN
0=SM2 interrupt routed to INT1, 1=SM2 interrupt routed to INT1 pin.
Default value=0
SM2_EN
0=SM2 disabled, 1=SM2 enabled.
Default value=0
Table 84.
Timer4 default value
0
000
00
00
Table 85.
Timer3 default value
0
000
00
00
Table 86.
TIM2_2_L default value
0
000
00
00
Table 87.
TIM2_2_H default value
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com