Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 30 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 30 of 44
FIFO CONTROL REGISTER
Address: 0x28, Reset: 0x00, Name: FIFO_CONTROL
Table 14. Bit Descriptions for FIFO_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
UNUSED
Unused Bits.
0x0
RW
3
AH
Above Half.
0x0
RW
This bit is the MSB of the FIFO_SAMPLES register, allowing FIFO samples a
range of 0 to 511.
2
FIFO_TEMP
Store Temperature Data to FIFO. 1 = temperature data is stored in the FIFO
together with x-, y-, and z-axis acceleration data.
0x0
RW
[1:0]
FIFO_MODE
Enable FIFO and Mode Selection.
0x0
RW
00
FIFO is disabled.
01
Oldest saved mode.
10
Stream mode.
11
Triggered mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com