Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 11 of 44
0
5
10
15
20
25
30
35
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05
CURRENT CONSUMPTION (µA)
Figure 23. Current Consumption at 25°C, Normal Mode,
ODR = 100 Hz, VS = 2 V
0
5
10
15
20
25
30
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
CURRENT CONSUMPTION (µA)
Figure 24. Current Consumption at 25°C, Low Noise Mode,
ODR = 100 Hz, VS = 2 V
0
5
10
15
20
25
30
35
8
9
10
11
12
13
14
15
16
CURRENT CONSUMPTION (µA)
Figure 25. Current Consumption at 25°C, Ultralow Noise Mode,
ODR = 100 Hz, VS = 2 V
0
10
20
30
40
50
60
70
50
100
150
200
250
300
350
400
CURRENT CONSUMPTION (nA)
Figure 26. Current Consumption at 25°C, Wake-Up Mode, VS = 2 V
0
2
4
6
8
10
12
–200
0
200
400
600
800
1000
TEMPERATURE SENSOR BIAS AT 25°C (LSB)
Figure 27. Temperature Sensor Response at 25°C, VS = 2 V
0
5
10
15
20
25
30
35
40
14.4 14.6 14.8 15.0 15.2 15.4 15.6 15.8 16.0 16.2 16.4 16.6 16.8
TEMPERATURE SENSOR SCALE FACTOR (LSB/°C)
Figure 28. Temperature Sensor Scale Factor, VS = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com