Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 7 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. THIS PIN IS NOT
INTERNALLY CONNECTED.
NC
VDDI/O
RESERVED
SCLK
RESERVED
GND
GND
INT1
RESERVED
INT2
ADXL362
TOP VIEW
(Not to Scale)
1
2
3
4
5
13
12
11
10
9
6
7
8
16
15
14
Figure 4. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Supply Voltage for Digital I/O.
2
NC
No Connect. Not internally connected.
3
Reserved
Reserved. Can be left unconnected or connected to GND.
4
SCLK
SPI Communications Clock.
5
Reserved
Reserved. Can be left unconnected or connected to GND.
6
MOSI
Master Output, Slave Input. SPI serial data input.
7
MISO
Master Input, Slave Output. SPI serial data output.
8
CS
SPI Chip Select, Active Low. Must be low during SPI communications.
9
INT2
Interrupt 2 Output. INT2 also serves as an input for synchronized sampling.
10
Reserved
Reserved. Can be left unconnected, or connected to GND.
11
INT1
Interrupt 1 Output. INT1 also serves as an input for external clocking.
12
GND
Ground. This pin must be grounded.
13
GND
Ground. This pin must be grounded.
14
VS
Supply Voltage.
15
NC
No Connect. Not internally connected.
16
GND
Ground. This pin must be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com