Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 23 of 44
REGISTER MAP
Table 11. Register Summary
Reg Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x00 DEVID_AD
[7:0]
DEVID_AD[7:0]
0xAD R
0x01 DEVID_MST
[7:0]
DEVID_MST[7:0]
0x1D R
0x02 PARTID
[7:0]
PARTID[7:0]
0xF2 R
0x03 REVID
[7:0]
REVID[7:0]
0x01 R
0x08 XDATA
[7:0]
XDATA[7:0]
0x00 R
0x09 YDATA
[7:0]
YDATA[7:0]
0x00 R
0x0A ZDATA
[7:0]
ZDATA[7:0]
0x00 R
0x0B STATUS
[7:0] ERR_USER_
REGS
AWAKE
INACT
ACT
FIFO_OVER-
RUN
FIFO_WATER-
MARK
FIFO_READY DATA_READY 0x40 R
0x0C FIFO_ENTRIES_L
[7:0]
FIFO_ENTRIES_L[7:0]
0x00 R
0x0D FIFO_ENTRIES_H
[7:0]
UNUSED
FIFO_ENTRIES_H[1:0]
0x00 R
0x0E XDATA_L
[7:0]
XDATA_L[7:0]
0x00 R
0x0F XDATA_H
[7:0]
SX
XDATA_H[3:0]
0x00 R
0x10 YDATA_L
[7:0]
YDATA_L[7:0]
0x00 R
0x11 YDATA_H
[7:0]
SX
YDATA_H[3:0]
0x00 R
0x12 ZDATA_L
[7:0]
ZDATA_L[7:0]
0x00 R
0x13 ZDATA_H
[7:0]
SX
ZDATA_H[3:0]
0x00 R
0x14 TEMP_L
[7:0]
TEMP_L[7:0]
0x00 R
0x15 TEMP_H
[7:0]
SX
TEMP_H[3:0]
0x00 R
0x16 Reserved
[7:0]
Reserved[7:0]
0x00 R
0x17 Reserved
[7:0]
Reserved[7:0]
0x00 R
0x1F SOFT_RESET
[7:0]
SOFT_RESET[7:0]
0x00 W
0x20 THRESH_ACT_L
[7:0]
THRESH_ACT_L[7:0]
0x00 RW
0x21 THRESH_ACT_H
[7:0]
UNUSED
THRESH_ACT_H[2:0]
0x00 RW
0x22 TIME_ACT
[7:0]
TIME_ACT[7:0]
0x00 RW
0x23 THRESH_INACT_L [7:0]
THRESH_INACT_L[7:0]
0x00 RW
0x24 THRESH_INACT_H [7:0]
UNUSED
THRESH_INACT_H[2:0]
0x00 RW
0x25 TIME_INACT_L
[7:0]
TIME_INACT_L[7:0]
0x00 RW
0x26 TIME_INACT_H
[7:0]
TIME_INACT_H[7:0]
0x00 RW
0x27 ACT_INACT_CTL
[7:0]
RES
LINKLOOP
INACT_REF
INACT_EN
ACT_REF
ACT_EN
0x00 RW
0x28 FIFO_CONTROL
[7:0]
UNUSED
AH
FIFO_TEMP
FIFO_MODE
0x00 RW
0x29 FIFO_SAMPLES
[7:0]
FIFO_SAMPLES[7:0]
0x80 RW
0x2A INTMAP1
[7:0] INT_LOW
AWAKE
INACT
ACT
FIFO_OVER-
RUN
FIFO_WATER-
MARK
FIFO_READY DATA_READY 0x00 RW
0x2B INTMAP2
[7:0] INT_LOW
AWAKE
INACT
ACT
FIFO_OVER-
RUN
FIFO_WATER-
MARK
FIFO_READY DATA_READY 0x00 RW
0x2C FILTER_CTL
[7:0]
RANGE
RES
HALF_BW
EXT_SAMPLE
ODR
0x13 RW
0x2D POWER_CTL
[7:0] RES
EXT_CLK
LOW_NOISE
WAKEUP
AUTOSLEEP
MEASURE
0x00 RW
0x2E SELF_TEST
[7:0]
UNUSED
ST
0x00 RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com