Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 39 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 36Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 37Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 38Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 39Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 40Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 41Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 42Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 39 of 44
FIFO data is output on a per datum basis. As each data item is
read, the same amount of space is freed up in the stack. Again,
this can lead to incomplete sample sets being present in the FIFO.
For additional system level FIFO applications, refer to the
AN-1025 Application Note, Utilization of the First In, First Out
(FIFO) Buffer in Analog Devices, Inc. Digital Accelerometers.
INTERRUPTS
Several of the built-in functions of the ADXL362 can trigger
interrupts to alert the host processor of certain status conditions.
This section describes the functionality of these interrupts.
Interrupt Pins
Interrupts can be mapped to either (or both) of two designated
output pins, INT1 and INT2, by setting the appropriate bits in
the INTMAP1 and INTMAP2 registers, respectively. All functions
can be used simultaneously. If multiple interrupts are mapped
to one pin, the OR combination of the interrupts determines
the status of the pin.
If no functions are mapped to an interrupt pin, that pin is
automatically configured to a high impedance (high-Z) state.
The pins are also placed in the high-Z state upon a reset.
When a certain status condition is detected, the pin that
condition is mapped to is activated. The configuration of the
pin is active high by default so that when it is activated, the pin
goes high. However, this configuration can be switched to
active low by setting the INT_LOW bit in the appropriate
INTMAPx register.
The INT pins can be connected to the interrupt input of a host
processor where interrupts are responded to with an interrupt
routine. Because multiple functions can be mapped to the same
pin, the STATUS register can be used to determine which
condition caused the interrupt to trigger.
Clear interrupts in one of several ways, as follows:
•
Reading the STATUS register (Address 0x0B) clears
activity and inactivity interrupts.
•
Reading from the data registers. Address 0x08 to
Address 0x0A or Address 0x0E to Address 0x15 clears
the data ready interrupt.
•
Reading enough data from the FIFO buffer so that
interrupt conditions are no longer met clears the FIFO
ready, FIFO watermark, and FIFO overrun interrupts.
Both interrupt pins are push-pull low impedance pins with an
output impedance of about 500 Ω (typical) and digital output
specifications, as shown in Table 21. Both pins have bus keepers
that hold them to a valid logic state when they are in a high
impedance mode.
To prevent interrupts from being falsely triggered during
configuration, disable interrupts while their settings, such as
thresholds, timings, or other values, are configured.
Table 21. Interrupt Pin Digital Output
Limit1
Parameter
Test Conditions
Min
Max
Unit
Digital Output
Low Level Output Voltage (VOL)
IOL = 500 µA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −300 µA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, max
500
µA
High Level Output Current (IOH)
VOH = VOH, min
−300
µA
1
Limits based on design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com