Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 17 of 44
Using the AWAKE Bit
The AWAKE bit is a status bit that indicates whether the ADXL362
is awake or asleep. The device is awake when it has experienced
an activity condition, and it is asleep when it has experienced an
inactivity condition.
The awake signal can be mapped to the INT1 or INT2 pin,
allowing the pin to serve as a status output to connect or dis-
connect power to downstream circuitry based on the awake
status of the accelerometer. Used in conjunction with loop
mode, this configuration implements a trivial, autonomous
motion activated switch, as shown in Figure 43.
If the turn-on time of downstream circuitry can be tolerated,
this motion switch configuration can save significant system
level power by eliminating the standby current consumption of
the remainder of the application. This standby current can often
exceed the full operating current of the ADXL362.
FIFO
The ADXL362 includes a deep 512-sample first in, first out (FIFO)
buffer. The FIFO provides benefits primarily in two ways, as
follows.
System Level Power Savings
Appropriate use of the FIFO enables system level power savings
by enabling the host processor to sleep for extended periods of
time while the accelerometer autonomously collects data. Alter-
natively, using the FIFO to collect data can unburden the host
while it tends to other tasks.
Data Recording/Event Context
The FIFO can be used in a triggered mode to record all data
leading up to an activity detection event, thereby providing con-
text for the event. In the case of a system that identifies impact
events, for example, the accelerometer can keep the entire system
off while it stores acceleration data in its FIFO and looks for an
activity event. When the impact event occurs, data that was
collected prior to the event is frozen in the FIFO. The accel-
erometer can then wake the rest of the system and transfer this
data to the host processor, thereby providing context for the
impact event.
Generally, the more context available, the more intelligent
decisions a system can achieve, making a deep FIFO especially
useful. The ADXL362 FIFO can store up to more than 13 seconds
of data, providing a clear picture of events prior to an activity
trigger.
All FIFO modes of operation, as well as the structure of the FIFO
and instructions for retrieving data from it, are described in further
detail in the FIFO Modes section of this data sheet.
COMMUNICATIONS
SPI Instructions
The digital interface of the ADXL362 is implemented with
system level power savings in mind. The following features
enhance power savings:
•
Burst reads and writes reduce the number of SPI
communication cycles required to configure the part
and retrieve data.
•
Concurrent operation of activity and inactivity detection
enables “set it and forget it” operation. Loop mode further
reduces communications power by enabling the clearing of
interrupts without processor intervention.
•
The FIFO is implemented such that consecutive samples
can be read continuously via a multibyte read of unlimited
length; thus, one read FIFO instruction can clear the entire
contents of the FIFO. In many other accelerometers, each
read instruction retrieves a single sample only. In addition, the
ADXL362 FIFO construction allows the use of direct memory
access (DMA) to read the FIFO contents.
Bus Keepers
The ADXL362 includes bus keepers on all digital interface pins:
MISO, MOSI, SCLK, CS, INT1, and INT2. Bus keepers are used
to prevent tristate bus lines from floating when nothing is driving
them, thus preventing through current in any gate inputs that
are on the bus.
MSB Registers
Acceleration and temperature measurements are converted to
12-bit values and transmitted via SPI using two registers per
measurement. To read a full sample set of 3-axis acceleration
data, six registers must be read.
Many applications do not require the accuracy that 12-bit data
provides and prefer, instead, to save system level power. The MSB
registers XDATA, YDATA, and ZDATA enable this tradeoff.
These registers contain the eight MSBs of the x-, y-, and z-axis
acceleration data; reading them effectively provides 8-bit accel-
eration values. Importantly, only three (consecutive) registers
must be read to retrieve a full data set, significantly reducing the
time during which the SPI bus is active and drawing current.
12-bit and 8-bit data are available simultaneously so that both
data formats can be used in a single application, depending on
the needs of the application at a given time. For example, the pro-
cessor can read 12-bit data when higher resolution is required, and
switch to 8-bit data (simply by reading a different set of registers)
when application requirements change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com