Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 22 of 44
Table 10. SPI Timing (TA = 25°C, VS = 2.0 V, VDD I/O = 2.0 V)
Limit1, 2
Parameter
Min
Max
Unit
Description
fCLK
1
MHz
Clock Frequency
CSS
100
ns
CS Setup Time
tCSH
100
ns
CS Hold Time
tCSD
10
ns
CS Disable Time
tSU
50
ns
Data Setup Time
tHD
50
ns
Data Hold Time
tR
0
100
ns
SCLK Rise Time
tF
0
100
ns
SCLK Fall Time
tHIGH
100
ns
Clock High Time
tLOW
100
ns
Clock Low Time
tCLD
100
ns
Clock Delay Time
tCLE
100
ns
Clock Enable Time
tV
0
ns
Output Valid from Clock Low
tHO
0
200
ns
Output Hold Time
tDIS
0
200
ns
Output Disable Time
1
Limits based on design targets; not production tested.
2
The timing values are measured corresponding to the input thresholds (VIL and VIH) given in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com