Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 21 of 44
MISO
SCLK
MOSI
MSB IN
LSB IN
HIGH IMPEDANCE
tCSD
tCSH
tCLD
tCLE
tSU
tHD
tF
tR
CSS
CS
Figure 41. Timing Diagram for SPI Write Instructions
MISO
SCLK
MOSI
MSB OUT
DON’T CARE
LSB OUT
tHIGH
tLOW
tCSH
tDIS
tHO
tV
CS
Figure 42. Timing Diagram for SPI Read Instructions
Table 9. SPI Digital Input/Output
Limit1
Parameter
Test Conditions/Comments
Min
Max
Unit
Digital Input
Low Level Input Voltage (VIL)
0.3 × VDD I/O
V
High Level Input Voltage (VIH)
0.7 × VDD I/O
V
Low Level Input Current (IIL)
VIN = VDD I/O
0.1
μA
High Level Input Current (IIH)
VIN = 0 V
−0.1
μA
Digital Output
Low Level Output Voltage (VOL)
IOL = 10 mA
0.2 × VDD I/O
V
High Level Output Voltage (VOH)
IOH = −4 mA
0.8 × VDD I/O
V
Low Level Output Current (IOL)
VOL = VOL, max
10
mA
High Level Output Current (IOH)
VOH = VOH, min
−4
mA
1 Limits based on characterization results, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com