Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 15Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 16Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 17Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 18Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 19 of 44
SERIAL COMMUNICATIONS
The ADXL362 communicates via a 4-wire SPI and operates as a
slave. Ignore data that is transmitted from the ADXL362 to the
master device during writes to the ADXL362.
As shown in Figure 36 to Figure 40, the MISO pin is in a high
impedance state, held by a bus keeper, except when the ADXL362
is sending read data (to conserve bus power).
Wire the ADXL362 for SPI communication as shown in the
connection diagram in Figure 35. The recommended SPI clock
speeds are 1 MHz to 5 MHz, with 12 pF maximum loading.
The SPI timing scheme follows CPHA = CPOL = 0.
For correct operation of the part, the logic thresholds and timing
parameters in Table 9 and Table 10 must be met at all times.
Refer to Figure 41 and Figure 42 for visual diagrams of the
timing parameters.
ADXL362
PROCESSOR
CS
MOSI
MISO
SCLK
DOUT
DOUT
DIN
DOUT
Figure 35. 4-Wire SPI Connection Diagram
SPI COMMANDS
The SPI port uses a multibyte structure wherein the first byte is
a command. The ADXL362 command set is
•
0x0A: write register
•
0x0B: read register
•
0x0D: read FIFO
Read and Write Register Commands
The command structure for the read register and write register
commands is as follows (see Figure 36 and Figure 37):
</CS down> <command byte (0x0A or 0x0B)> <address
byte> <data byte> <additional data bytes for multi-byte> …
</CS up>
The read and write register commands support multibyte
(burst) read/write access. The waveform diagrams for multi-
byte read and write commands are shown in Figure 38 and
Figure 39.
Read FIFO Command
Reading from the FIFO buffer is a command structure that does
not have an address.
</CS down> <command byte (0x0D)> <data byte> <data
byte> … </CS up>
It is recommended that an even number of bytes be read (using
a multibyte transaction) because each sample consists of two
bytes: 2 bits of axis information and 14 bits of data. If an odd
number of bytes is read, it is assumed that the desired data was
read; therefore, the second half of the last sample is discarded so
a read from the FIFO always starts on a properly aligned even-
byte boundary. Data is presented least significant byte first,
followed by the most significant byte.
MULTIBYTE TRANSFERS
Multibyte transfers, also known as burst transfers, are supported
for all SPI commands: register read, register write, and FIFO
read commands. It is recommended that data be read using
multibyte transfers to ensure that a concurrent and complete set
of x-, y-, and z-acceleration (and temperature, where applicable)
data is read.
The FIFO runs on the serial port clock during FIFO reads and
can sustain bursting at the SPI clock rate as long as the SPI clock
is 1 MHz or faster.
Register Read/Write Auto-Increment
A register read or write command begins with the address
specified in the command and auto-increments for each
additional byte in the transfer. To avoid address wrapping and
side effects of reading registers multiple times, the auto-
increment halts at the invalid Register Address 63 (0x3F).
INVALID ADDRESSES AND ADDRESS FOLDING
The ADXL362 has a 6-bit address bus, mapping only 64
registers in the possible 256 register address space. The
addresses do not fold to repeat the registers at addresses above
64. Attempted access to register addresses above 64 are mapped
to the invalid register at 63 (0x3F) and have no functional effect.
Address 0x00 to Address 0x2E are for customer access, as
described in the register map. Address 0x2F to Address 0x3F are
reserved for factory use.
LATENCY RESTRICTIONS
Reading any of the data registers (0x08 to 0x0A or 0x0E to
0x15) clears the data ready interrupt. There can be as much as
an 80 µs delay from reading a register to the clearing of the data
ready interrupt.
Other register reads, register writes, and FIFO reads have no
latency restrictions.
INVALID COMMANDS
Commands other than 0x0A, 0x0B, and 0x0D have no effect.
The MISO output remains in a high impedance state, and the
bus keeper holds the MISO line at its last value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com