Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADXL362BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Micropower, 3-Axis, ±2 g/±4 g/±8 g
Digital Output MEMS Accelerometer
Data Sheet
ADXL362
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power
Power can be derived from coin cell battery
1.8 µA @ 100 Hz ODR, 2.0 V supply
3.0 µA @ 400 Hz ODR, 2.0 V supply
270 nA motion activated wake-up mode
10 nA standby current
High resolution: 1 mg/LSB
Built-in features for system-level power savings:
Adjustable threshold sleep/wake modes for motion
activation
Autonomous interrupt processing, without need for
microcontroller intervention, to allow the rest of the
system to be turned off completely
Deep embedded FIFO minimizes host processor load
Awake state output enables implementation of
standalone, motion activated switch
Low noise down to 175 µg/√Hz
Wide supply and I/O voltage ranges: 1.6 V to 3.5 V
Operates off 1.8 V to 3.3 V rails
Acceleration sample synchronization via external trigger
On-chip temperature sensor
SPI digital interface
Measurement ranges selectable via SPI command
Small and thin 3 mm × 3.25 mm × 1.06 mm package
APPLICATIONS
Hearing aids
Home healthcare devices
Motion enabled power save switches
Wireless sensors
Motion enabled metering devices
GENERAL DESCRIPTION
The ADXL362 is an ultralow power, 3-axis MEMS accelerometer
that consumes less than 2 µA at a 100 Hz output data rate and
270 nA when in motion triggered wake-up mode. Unlike
accelerometers that use power duty cycling to achieve low power
consumption, the ADXL362 does not alias input signals by
undersampling; it samples the full bandwidth of the sensor at all
data rates.
The ADXL362 always provides 12-bit output resolution; 8-bit
formatted data is also provided for more efficient single-byte
transfers when a lower resolution is sufficient. Measurement
ranges of ±2 g, ±4 g, and ±8 g are available, with a resolution of
1 mg/LSB on the ±2 g range. For applications where a noise level
lower than the normal 550 µg/√Hz of the ADXL362 is desired,
either of two lower noise modes (down to 175 µg/√Hz typical)
can be selected at minimal increase in supply current.
In addition to its ultralow power consumption, the ADXL362
has many features to enable true system level power reduction.
It includes a deep multimode output FIFO, a built-in micropower
temperature sensor, and several activity detection modes including
adjustable threshold sleep and wake-up operation that can run
as low as 270 nA at a 6 Hz (approximate) measurement rate. A
pin output is provided to directly control an external switch when
activity is detected, if desired. In addition, the ADXL362 has
provisions for external control of sampling time and/or an
external clock.
The ADXL362 operates on a wide 1.6 V to 3.5 V supply range,
and can interface, if necessary, to a host operating on a separate,
lower supply voltage. The ADXL362 is available in a 3 mm ×
3.25 mm × 1.06 mm package.
FUNCTIONAL BLOCK DIAGRAM
VS
VDDI/O
GND
3-AXIS
MEMS
SENSOR
TEMPERATURE
SENSOR
AXIS
DEMODULATORS
ANTIALIASING
FILTERS
ADXL362
12-BIT
ADC
DIGITAL
LOGIC,
FIFO,
AND
SPI
INT1
INT2
MOSI
MISO
CS
SCLK
Figure 1.


Similar Part No. - ADXL362BCCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
More results

Similar Description - ADXL362BCCZ-R2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
logo
List of Unclassifed Man...
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
2g/4g/8g Tri-axis Digital Accelerometer Specifications
logo
STMicroelectronics
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
LIS302DL 3-axis digital MEMS accelerometer
17-Jan-2008
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
LIS331DL 3-axis digital MEMS accelerometer
24-Jun-2008
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
Micropower, 3-Axis, 짹200 g Digital Output, MEMS
8/2018-Rev. A to Rev. B
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
Apr-2021
logo
List of Unclassifed Man...
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com