Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL362BCCZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADXL362BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 4 of 44
SPECIFICATIONS
TA = 25°C, VS = 2.0 V, VDD I/O = 2.0 V, 100 Hz ODR, acceleration = 0 g, default register settings, unless otherwise noted.1
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8
g
Nonlinearity
Percentage of full scale
±0.5
%
Sensor Resonant Frequency
3500
Hz
Cross Axis Sensitivity2
±1.5
%
OUTPUT RESOLUTION
Each axis
All g Ranges
12
Bits
SENSITIVITY
Each axis
Sensitivity Calibration Error
±10
%
Sensitivity at XOUT, YOUT, ZOUT
2 g range
1
mg/LSB
4 g range
2
mg/LSB
8 g range
4
mg/LSB
Scale Factor at XOUT, YOUT, ZOUT
2 g range
1000
LSB/g
4 g range
500
LSB/g
8 g range
250
LSB/g
Sensitivity Change Due to Temperature3
−40°C to +85°C
0.05
%/°C
0 g OFFSET
Each axis
0 g Output
XOUT, YOUT
−150
±35
+150
mg
ZOUT
−250
±50
+250
mg
0 g Offset vs. Temperature3
Normal Operation
XOUT, YOUT
±0.5
mg/°C
ZOUT
±0.6
mg/°C
Low Noise Mode and Ultralow Noise
Mode
XOUT, YOUT, ZOUT
±0.35
mg/°C
NOISE PERFORMANCE
Noise Density
Normal Operation
XOUT, YOUT
550
µg/√Hz
ZOUT
920
µg/√Hz
Low Noise Mode
XOUT, YOUT
400
µg/√Hz
ZOUT
550
µg/√Hz
Ultralow Noise Mode
XOUT, YOUT
250
µg/√Hz
ZOUT
350
µg/√Hz
VS = 3.5 V; XOUT, YOUT
175
µg/√Hz
VS = 3.5 V; ZOUT
250
µg/√Hz
BANDWIDTH
Low Pass (Antialiasing) Filter, −3 dB
Corner
HALF_BW = 0
ODR/2
Hz
HALF_BW = 1
ODR/4
Hz
Output Data Rate (ODR)
User selectable in 8 steps
12.5
400
Hz
SELF TEST
Output Change4
XOUT
450
580
710
mg
YOUT
−710
−580
−450
mg
ZOUT
350
500
650
mg
POWER SUPPLY
Operating Voltage Range (VS)
1.6
2.0
3.5
V
I/O Voltage Range (VDD I/O)
1.6
2.0
VS
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com